Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7003AH Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN7003AH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7003AH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN7003AH Datasheet HTML 9Page - STMicroelectronics VN7003AH Datasheet HTML 10Page - STMicroelectronics VN7003AH Datasheet HTML 11Page - STMicroelectronics VN7003AH Datasheet HTML 12Page - STMicroelectronics VN7003AH Datasheet HTML 13Page - STMicroelectronics VN7003AH Datasheet HTML 14Page - STMicroelectronics VN7003AH Datasheet HTML 15Page - STMicroelectronics VN7003AH Datasheet HTML 16Page - STMicroelectronics VN7003AH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
VN7003AH
Electrical specification
DocID029238 Rev 4
13/37
7 V < VCC < 18 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CurrentSense timings (current sense mode)(4)
tDSENSE1H
Current sense settling
time from rising edge of
SEn
VIN = 5 V; VSEn = 0 V to
5 V; RSENSE = 1
kΩ;
RL = 0.87
Ω
60
µs
tDSENSE1L
Current sense disable
delay time from falling
edge of SEn
VIN = 5 V; VSEn = 5 V to
0 V; RSENSE = 1
kΩ;
RL = 0.87
Ω
5
20
µs
tDSENSE2H
Current sense settling
time from rising edge of
INPUT
VIN = 0 V to 5 V;
VSEn = 5 V; RSENSE = 1
kΩ;
RL = 0.87
Ω
100
380
µs
ΔtDSENSE2H
Current sense settling
time from rising edge of
IOUT (dynamic response
to a step change of
IOUT)
VIN = 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; ISENSE
= 90% of ISENSEMAX;
RL = 0.87
Ω
200
µs
tDSENSE2L
Current sense turn-off
delay time from falling
edge of INPUT
VIN = 5 V to 0 V; VSEn = 5
V; RSENSE = 1
kΩ;
RL = 0.87
Ω
50
250
µs
Notes:
(1)Digital filtering is applied for testing
(2)All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
(3)Parameter guaranteed by design and characterization; not subject to production test.
(4)Transition delay are measured up to ±10% of final conditions.
Figure 4: IOUT/ISENSE versus IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com