Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7003AH Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN7003AH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7003AH Datasheet(HTML) 4 Page - STMicroelectronics

  VN7003AH Datasheet HTML 1Page - STMicroelectronics VN7003AH Datasheet HTML 2Page - STMicroelectronics VN7003AH Datasheet HTML 3Page - STMicroelectronics VN7003AH Datasheet HTML 4Page - STMicroelectronics VN7003AH Datasheet HTML 5Page - STMicroelectronics VN7003AH Datasheet HTML 6Page - STMicroelectronics VN7003AH Datasheet HTML 7Page - STMicroelectronics VN7003AH Datasheet HTML 8Page - STMicroelectronics VN7003AH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
List of figures
VN7003AH
4/37
DocID029238 Rev 4
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Configuration diagram (top view).................................................................................................6
Figure 3: Current and voltage conventions.................................................................................................7
Figure 4: IOUT/ISENSE versus IOUT.......................................................................................................13
Figure 5: Current sense precision vs. IOUT .............................................................................................14
Figure 6: Switching times and Pulse skew ...............................................................................................14
Figure 7: tDSTKON...................................................................................................................................15
Figure 8: OFF-state output current ...........................................................................................................16
Figure 9: Standby current .........................................................................................................................16
Figure 10: IGND(ON) vs. Iout ...................................................................................................................16
Figure 11: Logic input high level voltage ..................................................................................................16
Figure 12: Logic input low level voltage....................................................................................................16
Figure 13: High level logic input current ...................................................................................................16
Figure 14: Low level logic input current ....................................................................................................17
Figure 15: Logic input hysteresis voltage .................................................................................................17
Figure 16: Undervoltage shutdown ...........................................................................................................17
Figure 17: On-state resistance vs. Tcase .................................................................................................17
Figure 18: On-state resistance vs. VCC ...................................................................................................17
Figure 19: Turn-on voltage slope ..............................................................................................................17
Figure 20: Turn-off voltage slope ..............................................................................................................18
Figure 21: Won vs. Tcase .........................................................................................................................18
Figure 22: Woff vs. Tcase .........................................................................................................................18
Figure 23: ILIMH vs. Tcase.......................................................................................................................18
Figure 24: Turn-off output voltage clamp..................................................................................................18
Figure 25: OFF-state open-load voltage detection threshold ...................................................................18
Figure 26: Vs clamp vs. Tcase .................................................................................................................19
Figure 27: Vsenseh vs. Tcase ..................................................................................................................19
Figure 28: Application diagram .................................................................................................................21
Figure 29: Simplified internal structure .....................................................................................................21
Figure 30: CurrentSense and diagnostic
– block diagram........................................................................23
Figure 31: CurrentSense block diagram ...................................................................................................24
Figure 32: Analogue HSD
– open-load detection in off-state ...................................................................25
Figure 33: Open-load / short to VCC condition.........................................................................................26
Figure 34: Maximum turn off current versus inductance ..........................................................................28
Figure 35: Octapak on two-layers PCB (2s0p to JEDEC JESD 51-5)......................................................29
Figure 36: Octapak on four-layers PCB (2s2p to JEDEC JESD 51-7) .....................................................29
Figure 37: Rthj-amb vs PCB copper area in open box free air conditions ...............................................30
Figure 38: Octapak thermal impedance junction ambient single pulse ....................................................30
Figure 39: Thermal fitting model for Octapak ...........................................................................................31
Figure 40: Octapak package dimensions .................................................................................................32
Figure 41: Octapack reel 13" ....................................................................................................................33
Figure 42: Octapak carrier tape ................................................................................................................34
Figure 43: Octapak schematic drawing of leader and trailer tape ............................................................35
Figure 44: Octapak marking information...................................................................................................35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com