Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7003AH Datasheet(PDF) 29 Page - STMicroelectronics

Part # VN7003AH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7003AH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VN7003AH Datasheet HTML 25Page - STMicroelectronics VN7003AH Datasheet HTML 26Page - STMicroelectronics VN7003AH Datasheet HTML 27Page - STMicroelectronics VN7003AH Datasheet HTML 28Page - STMicroelectronics VN7003AH Datasheet HTML 29Page - STMicroelectronics VN7003AH Datasheet HTML 30Page - STMicroelectronics VN7003AH Datasheet HTML 31Page - STMicroelectronics VN7003AH Datasheet HTML 32Page - STMicroelectronics VN7003AH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
VN7003AH
Package and PCB thermal data
DocID029238 Rev 4
29/37
6
Package and PCB thermal data
6.1
Octapak thermal data
Figure 35: Octapak on two-layers PCB (2s0p to JEDEC JESD 51-5)
Figure 36: Octapak on four-layers PCB (2s2p to JEDEC JESD 51-7)
Table 15: PCB properties
Dimension
Value
Board finish thickness
1.6 mm +/- 10%
Board dimension
77 mm x 86 mm
Board Material
FR4
Copper thickness (top and bottom layers)
0.070 mm
Copper thickness (inner layers)
0.035 mm
Thermal vias separation
1.2 mm
Thermal via diameter
0.3 mm +/- 0.08 mm
Copper thickness on vias
0.025 mm
Footprint dimension (top layer)
6.4 mm x 7mm
Heatsink copper area dimension (bottom layer)
Footprint, 2 cm2 or 8 cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com