Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI414 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDI414
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI414 Datasheet(HTML) 2 Page - IXYS Corporation

  IXDI414 Datasheet HTML 1Page - IXYS Corporation IXDI414 Datasheet HTML 2Page - IXYS Corporation IXDI414 Datasheet HTML 3Page - IXYS Corporation IXDI414 Datasheet HTML 4Page - IXYS Corporation IXDI414 Datasheet HTML 5Page - IXYS Corporation IXDI414 Datasheet HTML 6Page - IXYS Corporation IXDI414 Datasheet HTML 7Page - IXYS Corporation IXDI414 Datasheet HTML 8Page - IXYS Corporation IXDI414 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
IXDN414PI / N414CI / N414CM / N414YI / N414YM
IXDI414PI / I414CI / I414CM / I414YI / I414YM
Figure 2 - IXDI414 Inverting 14A Gate Driver Functional Block Diagram
* Patent Pending
Pin Description And Configuration
SYMBOL
FUNCTION
DESCRIPTION
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the
entire chip. The range for this voltage is from 4.5V to 25V.
IN
Input
Input signal-TTL or CMOS compatible.
OUT
Output
Driver Output. For application purposes, this pin is connected via an
external resistor to a Gate of a MOSFET/IGBT.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin
provides ground reference for the entire chip. This pin should be
connected to a low noise analog ground plane for optimum
performance.
N
P
OUT
Vcc
IN
ANTI-CROSS
CONDUCTION
CIRCUIT *
GND
GND
Vcc
ORDERING INFORMATION
Part Number
Package Type
Temp. Range
Configuration
IXDN414PI
8-Pin PDIP
IXDN414CI
5-Pin TO-220
-40
°C to +85°C
IXDN414CM
5-Pin TO-220
-55
°C to +125°C
IXDN414YI
5-Pin TO-263
-40
°C to +85°C
IXDN414YM
5-Pin TO-263
-55
°C to +125°C
Non Inverting
IXDI414PI
8-Pin PDIP
IXDI414CI
5-Pin TO-220
-40
°C to +85°C
IXDI414CM
5-Pin TO-220
-55
°C to +125°C
IXDI414YI
5-Pin TO-263
-40
°C to +85°C
IXDI414YM
5-Pin TO-263
-55
°C to +125°C
Inverting
NOTE: Mounting or solder tabs on all packages are connected to ground
TO220 (CI, CM)
TO263 (YI, YM)
Vcc
OUT
GND
IN
NC
1
2
3
4
5
VCC
IN
NC
GND
VCC
OUT
GND
OUT
1
2
3
4
8
7
6
5
I
X
D
X
4
1
4
8 PIN DIP (PI)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com