Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI414 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDI414
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI414 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDI414 Datasheet HTML 2Page - IXYS Corporation IXDI414 Datasheet HTML 3Page - IXYS Corporation IXDI414 Datasheet HTML 4Page - IXYS Corporation IXDI414 Datasheet HTML 5Page - IXYS Corporation IXDI414 Datasheet HTML 6Page - IXYS Corporation IXDI414 Datasheet HTML 7Page - IXYS Corporation IXDI414 Datasheet HTML 8Page - IXYS Corporation IXDI414 Datasheet HTML 9Page - IXYS Corporation IXDI414 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
IXDN414PI / N414CI / N414CM / N414YI / N414YM
IXDI414PI / I414CI / I414CM / I414YI / I414YM
Propagation Delay vs. Input Voltage
C
L=15nF VCC=15V
Input Voltage (V)
24
68
10
12
0
10
20
30
40
50
t
ONDLY
tOFFDLY
Propagation Delay vs. Supply Voltage
C
L=15nF VIN=5V@1kHz
Supply Voltage (V)
8
1012
1416
18
0
10
20
30
40
50
tONDLY
tOFFDLY
P Channel Output Current vs. Case Temperature
V
CC=18V CL=.1uF
Temperature (oC)
-40
-20
0
20
406080
100
12
13
14
15
16
N Channel Output Current vs. Case Temperature
V
CC=18V CL=.1uF
Temperature (oC)
-40
-20
0
204060
80
100
14
15
16
17
Quiescent Supply Current vs. Case Temperature
V
CC=18V VIN=5V@1kHz
Temperature (oC)
-40
-20
0
2040
6080
0.50
0.52
0.54
0.56
0.58
0.60
Propagation Delay vs. Case Temperature
C
L = 2500pF, VCC = 18V
Temperature (°C)
-40
-20
0
20406080
100
120
10
15
20
25
30
35
40
45
50
tOFFDLY
tONDLY
Fig. 18
Fig. 20
Fig. 22
Fig. 17
Fig. 19
Fig. 21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com