Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI414 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDI414
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI414 Datasheet(HTML) 4 Page - IXYS Corporation

  IXDI414 Datasheet HTML 1Page - IXYS Corporation IXDI414 Datasheet HTML 2Page - IXYS Corporation IXDI414 Datasheet HTML 3Page - IXYS Corporation IXDI414 Datasheet HTML 4Page - IXYS Corporation IXDI414 Datasheet HTML 5Page - IXYS Corporation IXDI414 Datasheet HTML 6Page - IXYS Corporation IXDI414 Datasheet HTML 7Page - IXYS Corporation IXDI414 Datasheet HTML 8Page - IXYS Corporation IXDI414 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IXDN414PI / N414CI / N414CM / N414YI / N414YM
IXDI414PI / I414CI / I414CM / I414YI / I414YM
Figure 3a - Characteristics Test Diagram
Figure 3b - Timing Diagrams
Non-Inverting (IXDN414) Timing Diagram
Inverting (IXDI414) Timing Diagram
0V
5.0V
0V
Vcc
IXDI414
IXDN414
0V
Vcc
Agilent 1147A
Current Probe
15nF
10uF
25V
0V
5V
90%
10%
2.5V
INPUT
VCC
0V
10%
90%
OUTPUT
PWMIN
tF
tOFFDLY
tR
tONDLY
INPUT
OUTPUT
5V
90%
2.5V
10%
0V
0V
Vcc
90%
10%
tONDLY
tOFFDLY
tR
tF
PWMIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com