Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR35201MTYPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 17Page - International Rectifier IR35201MTYPBF Datasheet HTML 18Page - International Rectifier IR35201MTYPBF Datasheet HTML 19Page - International Rectifier IR35201MTYPBF Datasheet HTML 20Page - International Rectifier IR35201MTYPBF Datasheet HTML 21Page - International Rectifier IR35201MTYPBF Datasheet HTML 22Page - International Rectifier IR35201MTYPBF Datasheet HTML 23Page - International Rectifier IR35201MTYPBF Datasheet HTML 24Page - International Rectifier IR35201MTYPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
21
Table 14: Intel VR12 VID Table – 5mV VID Step
VID
(Hex)
Voltage
(V)
VID
(Hex)
Voltage
(V)
VID
(Hex)
Voltage
(V)
VID
(Hex)
Voltage
(V)
VID
(Hex)
Voltage
(V)
FF
1.52
DA
1.335
B5
1.15
90
0.965
6B
0.78
FE
1.515
D9
1.33
B4
1.145
8F
0.96
6A
0.775
FD
1.51
D8
1.325
B3
1.14
8E
0.955
69
0.77
FC
1.505
D7
1.32
B2
1.135
8D
0.95
68
0.765
FB
1.5
D6
1.315
B1
1.13
8C
0.945
67
0.76
FA
1.495
D5
1.31
B0
1.125
8B
0.94
66
0.755
F9
1.49
D4
1.305
AF
1.12
8A
0.935
65
0.75
F8
1.485
D3
1.3
AE
1.115
89
0.93
64
0.745
F7
1.48
D2
1.295
AD
1.11
88
0.925
63
0.74
F6
1.475
D1
1.29
AC
1.105
87
0.92
62
0.735
F5
1.47
D0
1.285
AB
1.1
86
0.915
61
0.73
F4
1.465
CF
1.28
AA
1.095
85
0.91
60
0.725
F3
1.46
CE
1.275
A9
1.09
84
0.905
5F
0.72
F2
1.455
CD
1.27
A8
1.085
83
0.9
5E
0.715
F1
1.45
CC
1.265
A7
1.08
82
0.895
5D
0.71
F0
1.445
CB
1.26
A6
1.075
81
0.89
5C
0.705
EF
1.44
CA
1.255
A5
1.07
80
0.885
5B
0.7
EE
1.435
C9
1.25
A4
1.065
7F
0.88
5A
0.695
ED
1.43
C8
1.245
A3
1.06
7E
0.875
59
0.69
EC
1.425
C7
1.24
A2
1.055
7D
0.87
58
0.685
EB
1.42
C6
1.235
A1
1.05
7C
0.865
57
0.68
EA
1.415
C5
1.23
A0
1.045
7B
0.86
56
0.675
E9
1.41
C4
1.225
9F
1.04
7A
0.855
55
0.67
E8
1.405
C3
1.22
9E
1.035
79
0.85
54
0.665
E7
1.4
C2
1.215
9D
1.03
78
0.845
53
0.66
E6
1.395
C1
1.21
9C
1.025
77
0.84
52
0.655
E5
1.39
C0
1.205
9B
1.02
76
0.835
51
0.65
E4
1.385
BF
1.2
9A
1.015
75
0.83
50
0.645
E3
1.38
BE
1.195
99
1.01
74
0.825
4F
0.64
E2
1.375
BD
1.19
98
1.005
73
0.82
4E
0.635
E1
1.37
BC
1.185
97
1
72
0.815
4D
0.63
E0
1.365
BB
1.18
96
0.995
71
0.81
4C
0.625
DF
1.36
BA
1.175
95
0.99
70
0.805
4B
0.62
DE
1.355
B9
1.17
94
0.985
6F
0.8
4A
0.615
DD
1.35
B8
1.165
93
0.98
6E
0.795
49
0.61
DC
1.345
B7
1.16
92
0.975
6D
0.79
48
0.605
DB
1.34
B6
1.155
91
0.97
6C
0.785
47
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com