Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR35201MTYPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 25Page - International Rectifier IR35201MTYPBF Datasheet HTML 26Page - International Rectifier IR35201MTYPBF Datasheet HTML 27Page - International Rectifier IR35201MTYPBF Datasheet HTML 28Page - International Rectifier IR35201MTYPBF Datasheet HTML 29Page - International Rectifier IR35201MTYPBF Datasheet HTML 30Page - International Rectifier IR35201MTYPBF Datasheet HTML 31Page - International Rectifier IR35201MTYPBF Datasheet HTML 32Page - International Rectifier IR35201MTYPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
29
Figure 25: Load Line & Thermal Compensation for DCR Sense
Figure 26 Load Line for RDS (ON) Current Sense
The resistor RCS is calculated using the following
procedure:
1.
Calculate the RCSeffective or the total effective
parallel resistance across the RSCP and
RCSM pins as defined by:
DCR
R
ISEN
R
R
LL
effective
CS
_
8
where RLL is the desired load line, DCR is DC
resistance of the phase inductor, and R_ISEN is the
internal series resistor = 1000
.
2.
Select a suitable NTC thermistor, Rth. This is
typically selected to have the lowest thermal
coefficient and tightest tolerance in a standard
available package. A typical NTC used in
these applications is a 10kΩ, 1% tolerance
device. Recommended thermistors are shown
in Table 18.
TABLE 18: 10K 1% NTC THERMISTORS
Murata
NCP18XH103F03RB
Panasonic
ERTJ1VG103FA
TDK
NTCG163JF103F
3.
Calculate RCS using the following equation:
Th
series
effective
CS
CS
R
R
R
R
1
2
1
1
Rseries is selected to achieve minimum load line error
over temperature. The IR PowIRCenter GUI provides
a graphical tool that allows the user to easily calculate
the resistor values for minimum error.
The capacitor CCS is defined by the following equation:
AVP
effective
CS
CS
f
R
C
2
1
where fAVP is the user selectable current sense AVP
bandwidth. The recommended bandwidth is typically
in the range of 200kHz to 300kHz.
RDS (ON) Current Sense
IR35201 reads the current value from individual power
stages as shown in Figure 22. The power stage
measures the output current by sensing the voltage
drop across lower side MOSFET. The current sensed
by the power stage is thermally compensated hence
there is no need of an external thermistor for
temperature compensation. Thus, RDS (ON) current
sense reduces the component count required for
loadline measurement as shown in Figure 26.
The resistor Rcs for RDS ON current sense is calculated
by using the following procedure.
=8∗ ∗ /( ∗)
Where IRDS ON Scale = current scale of Power Stage in
V/A
Divider Ratio =
.Refer to Figure 22
The capacitor CCS is defined by the following equation:
AVP
CS
CS
f
R
C
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com