Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR35201MTYPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 9Page - International Rectifier IR35201MTYPBF Datasheet HTML 10Page - International Rectifier IR35201MTYPBF Datasheet HTML 11Page - International Rectifier IR35201MTYPBF Datasheet HTML 12Page - International Rectifier IR35201MTYPBF Datasheet HTML 13Page - International Rectifier IR35201MTYPBF Datasheet HTML 14Page - International Rectifier IR35201MTYPBF Datasheet HTML 15Page - International Rectifier IR35201MTYPBF Datasheet HTML 16Page - International Rectifier IR35201MTYPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
13
GENERAL DESCRIPTION
The IR35201 is a flexible, dual-loop, digital multiphase
PWM buck controller optimized to convert a 12V input
supply to the core voltage required by Intel high
performance microprocessors and DDR memory. It is
easily configurable for 1 to 8 phases of operation on
Loop #1 and 0 to 2 phase operation on Loop #2.
However, at a single time, a total of only 8 phases can
be in operation.
The unique partitioning of analog and digital circuits
within the IR35201 provides the user with easy
configuration capability while maintaining the required
accuracy and performance. Access to on-chip Multiple
Time Programming memory (MTP) to store the
IR35201 configuration parameters enables power
supply designers to optimize their designs without
changing external components.
OPERATING MODES
The IR35201 can be used for Intel
® VR12, VR12.5,
IMVP8 designs, AMD SVI2, and DDR Memory
designs without significant changes to the external
components (Bill of Materials). The required mode is
selected in MTP and the pin-out, VID table and
relevant functions are automatically configured. This
greatly reduces time-to-market and eliminates the
need to manage and inventory different PWM
controllers.
DIGITAL CONTROLLER & PWM
A linear Proportional-Integral-Derivative (PID)
digital controller provides the loop compensation for
system regulation. The digitized error voltage from
the high-speed voltage error ADC is processed by the
digital compensator. The digital PWM generator uses
the outputs of the PID and the phase current balance
control signals to determine the pulse width for
each phase on each loop. The PWM generator has
enough resolution to ensure that there are no limit
cycles. The compensator coefficients are user
configurable to enable optimized system response.
The compensation algorithm uses a PID with two
additional programmable poles. This provides the
digital equivalent of a Type III analog compensator.
ADAPTIVE TRANSIENT ALGORITHM (ATA)
Dynamic load step-up and load step-down transients
require fast system response to maintain the output
voltage within specification limits. This is achieved by
a unique adaptive non-linear digital transient control
loop based on a proprietary algorithm.
MULTIPLE TIME PROGRAMMING MEMORY
The multiple time programming memory (MTP) stores
the device configuration. At power-up, MTP contents
are transferred to operating registers for access
during device operation. MTP allows customization
during both design and high-volume manufacturing.
MTP integrity is verified by Cyclic Redundancy Code
(CRC) checking on each power up. The controller will
not start up in the event of a CRC error.
The IR35201 offers up to 6 writes to configure basic
device parameters such as frequency, fault operation
characteristics, and boot voltage. This represents a
significant size and component saving compared to
traditional analog methods. The following pseudo-
code illustrates how to write the MTP:
# write data
Set MTP Command Register = WRITE,
Line Pointer = An unused line
Poll MTP Command Register until Operation = IDLE.
# verify data was written correctly
Issue a READ Command; then poll OTP Operation Register
till Operation = IDLE
Verify that the Read Succeeded
INTERNAL OSCILLATOR
The IR35201 has a single 96MHz internal oscillator
that generates all the internal system clock
frequencies required for proper device function. The
oscillator frequency is factory trimmed for precision,
and has extremely low jitter (Figure 4) even in light-
load mode (Figure 5). A single internal oscillator is
used to set the switching frequency on each loop
independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com