Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD16M16 Datasheet(PDF) 41 Page - Micross Components

Part # AS4SD16M16
Description  LVTTL- compatible inputs and outputs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD16M16 Datasheet(HTML) 41 Page - Micross Components

Back Button AS4SD16M16 Datasheet HTML 37Page - Micross Components AS4SD16M16 Datasheet HTML 38Page - Micross Components AS4SD16M16 Datasheet HTML 39Page - Micross Components AS4SD16M16 Datasheet HTML 40Page - Micross Components AS4SD16M16 Datasheet HTML 41Page - Micross Components AS4SD16M16 Datasheet HTML 42Page - Micross Components AS4SD16M16 Datasheet HTML 43Page - Micross Components AS4SD16M16 Datasheet HTML 44Page - Micross Components AS4SD16M16 Datasheet HTML 45Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
SDRAM
AS4SD16M16
AS4SD16M16
Rev. 2.6 04/13/15
Micross Components reserves the right to change products or specifications without notice.
41
READ - FULL-PAGE BURST1
*CAS latency indicated in parentheses.
NOTES:
1. For this example, the CAS latency = 2.
2. A9, A11, and A12 = “Don’t Care”
3. Page left open; no t
RP.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAC(3)
5.4
ns
tCKS
1.5
ns
tAC(2)
6
ns
tCMH
0.8
ns
tAH
0.8
ns
tCMS
1.5
ns
tAS
1.5
ns
tHZ(3)
5.4
ns
tCH
2.5
ns
tHZ(2)
6
ns
tCL
2.5
ns
tLZ
1
ns
tCK(3)
7.5
ns
tOH
3
ns
tCK(2)
10
ns
tRCD
20
ns
tCKH
0.8
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com