Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD16M16 Datasheet(PDF) 25 Page - Micross Components

Part # AS4SD16M16
Description  LVTTL- compatible inputs and outputs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD16M16 Datasheet(HTML) 25 Page - Micross Components

Back Button AS4SD16M16 Datasheet HTML 21Page - Micross Components AS4SD16M16 Datasheet HTML 22Page - Micross Components AS4SD16M16 Datasheet HTML 23Page - Micross Components AS4SD16M16 Datasheet HTML 24Page - Micross Components AS4SD16M16 Datasheet HTML 25Page - Micross Components AS4SD16M16 Datasheet HTML 26Page - Micross Components AS4SD16M16 Datasheet HTML 27Page - Micross Components AS4SD16M16 Datasheet HTML 28Page - Micross Components AS4SD16M16 Datasheet HTML 29Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
SDRAM
AS4SD16M16
AS4SD16M16
Rev. 2.6 04/13/15
Micross Components reserves the right to change products or specifications without notice.
25
TRUTH TABLE 4: CURRENT STATE BANK n, COMMAND TO BANK m1,2,3,4,5,6
CURRENT STATE CS\ RAS\ CAS\ WE\
COMMAND (ACTION)
NOTES
H
X
X
X
COMMAND INHIBIT (NOP/Continue previous operation)
L
H
H
H
NO OPERATION (NOP/Continue previous operation)
Idle
XXXX
Any Command Otherwise Allowed to Bank
m
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start READ burst)
7
L
H
L
L
WRITE (Select column and start WRITE burst)
7
L
L
H
L
PRECHARGE
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start new READ burst)
7, 10
L
H
L
L
WRITE (Select column and start WRITE burst)
7, 11
L
L
H
L
PRECHARGE
9
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start READ burst)
7, 12
L
H
L
L
WRITE (Select column and start new WRITE burst)
7, 13
L
L
H
L
PRECHARGE
9
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start new READ burst)
7, 8, 14
L
H
L
L
WRITE (Select column and start WRITE burst)
7, 8, 15
L
L
H
L
PRECHARGE
9
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start READ burst)
7, 8, 16
L
H
L
L
WRITE (Select column and start new WRITE burst)
7, 8, 17
L
L
H
L
PRECHARGE
9
Write
(Auto Precharge
Disabled)
Row Activating,
Active, or
Precharging
Read
(with Auto
Precharge)
Write
(with Auto
Precharge)
Any
Read
(Auto Precharge
Disabled)
NOTES:
1. This table applies when CKE
n-1 was HIGH and CKEn is HIGH (see Truth Table 2) and after tXSR has been met (if the previ-
ous state was self refresh).
2. This table describes alternate bank operation, except where noted; i.e., the current state is for bank n and the commands shown
are those allowed to be issued to bank m (assuming bank m is in such a state that the given command is allowable). Exceptions
are covered in the notes below.
3. Current state definitions:
Idle:
The bank has been precharged, and t
RP has been met.
Row Active:
A row in the bank has been activated, and t
RCD has been met. No data bursts/accesses and no
register accesses are in progress.
Read:
A READ burst has been initiated, with auto precharge disabled, and has not yet terminated or been
terminated.
Write:
A WRITE burst has been initiated, with auto precharge disabled, and has not yet terminated or
been terminated.
Read w/ Auto
Precharge Enabled:
Starts with registration of a READ command with auto precharge enabled and ends when t
RP has
been met. Once t
RP is met, the bank will be in the idle state.
Write w/ Auto
Precharge Enabled:
Starts with registration of a WRITE command with auto precharge enabled and ends when t
RP has
been met. Once t
RP is met, the bank will be in the idle state.
4. AUTO REFRESH, SELF REFRESH and LOAD MODE REGISTER commands may only be issued when all banks are
idle.
5. A BURST TERMINATE command cannot be issued to another bank; it applies to the bank represented by the current state
only.. All states and sequences not shown are illegal or reserved.
(continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com