Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD16M16 Datasheet(PDF) 1 Page - Micross Components

Part # AS4SD16M16
Description  LVTTL- compatible inputs and outputs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD16M16 Datasheet(HTML) 1 Page - Micross Components

  AS4SD16M16 Datasheet HTML 1Page - Micross Components AS4SD16M16 Datasheet HTML 2Page - Micross Components AS4SD16M16 Datasheet HTML 3Page - Micross Components AS4SD16M16 Datasheet HTML 4Page - Micross Components AS4SD16M16 Datasheet HTML 5Page - Micross Components AS4SD16M16 Datasheet HTML 6Page - Micross Components AS4SD16M16 Datasheet HTML 7Page - Micross Components AS4SD16M16 Datasheet HTML 8Page - Micross Components AS4SD16M16 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SDRAM
AS4SD16M16
AS4SD16M16
Rev. 2.6 04/13/15
Micross Components reserves the right to change products or specifications without notice.
1
FEATURES
• Full Military temp (-55°C to 125°C) processing available
• Configuration: 16 Meg x 16 (4 Meg x 16 x 4 banks)
• Fully synchronous; all signals registered on positive
edge of system clock
• Internal pipelined operation; column address can be
changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths: 1, 2, 4, 8 or full page
• Auto Precharge, includes CONCURRENT AUTO
PRECHARGE and Auto Refresh Modes
• Self Refresh Mode (IT & ET)
• 64ms, 8,192-cycle refresh (IT)
• 24ms 8,192 cycle recfresh (XT)
• WRITE Recovery (t
WR = “2 CLK”)
• LVTTL- compatible inputs and outputs
• Single +3.3V ±0.3V power supply
OPTIONS
MARKING
•
Plastic Package
54-pin TSOPII (400 mil)
DG No. 901
(Pb/Sn finish or RoHS available)
•
Timing (Cycle Time)
7.5ns @ CL = 3 (PC133) or
-75
10ns @ CL = 2 (PC100)
•
Operating Temperature Ranges
-Industrial Temp (-40°C to 85° C)
IT
-Enhanced Temp (-40°C to +105°C)
ET
-Military Temp (-55°C to 125°C)
XT
*Off-center parting line
**CL = CAS (READ) latency
Package may or may not be assembled with a location notch.
PIN ASSIGNMENT
(Top View)
54-Pin TSOP
Note: “\” indicates an active low.
256 MB: 16 Meg x 16 SDRAM
Synchronous DRAM Memory
For more products and information
please visit our web site at
www.micross.com
KEY TIMING PARAMETERS
SPEED
CLOCK
SETUP
HOLD
GRADE FREQUENCY CL = 2** CL = 3**
TIME
TIME
-75
133 MHz
–
5.4ns
1.5ns
0.8ns
-75
100 MHz
6ns
–
1.5ns
0.8ns
ACCESS TIME
Configuration
4 Meg x 16 x 4 banks
Refresh Count
8K
Row Addressing
8K (A0-A12)
Bank Addressing
4 (BA0, BA1)
Column Addressing
512 (A0-A8)
16 Meg x 16


Similar Part No. - AS4SD16M16

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
2Mb / 52P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16DG-75 AUSTIN-AS4SD16M16DG-75 Datasheet
1Mb / 51P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16DG-75/IT AUSTIN-AS4SD16M16DG-75/IT Datasheet
1Mb / 51P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16DG-75/IT AUSTIN-AS4SD16M16DG-75/IT Datasheet
2Mb / 52P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD16M16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
AT68166FT ATMEL-AT68166FT_14 Datasheet
376Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
TTL compatible inputs and outputs
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
TTL compatible inputs and outputs
IS61WV51216EDALL ISSI-IS61WV51216EDALL Datasheet
921Kb / 19P
TTL compatible inputs and outputs
logo
Micross Components
AS8ER128K32 MICROSS-AS8ER128K32 Datasheet
452Kb / 19P
TTL Compatible Inputs and Outputs
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
All inputs and outputs are TTL-compatible
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
All inputs and outputs TTL compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com