Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 32 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 32 Page - Micross Components

Back Button AS4SD32M16DG-75/XT Datasheet HTML 28Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 29Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 30Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 31Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 32Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 33Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 34Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 35Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 36Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
32
POWER DOWN MODE1
*CAS latency indicated in parentheses.
NOTES:
1. Violating refresh requirements during power-down may result in loss of data.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAH
0.8
ns
tCK(2)
10
ns
tAS
1.5
ns
tCKH
0.8
ns
tCH
2.5
ns
tCKS
1.5
ns
tCL
2.5
ns
tCMH
0.8
ns
tCK(3)
7ns
tCMS
1.5
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com