Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 1 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 1 Page - Micross Components

  AS4SD32M16DG-75/XT Datasheet HTML 1Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 2Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 3Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 4Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 5Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 6Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 7Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 8Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
1
FEATURES
• Full Military temp (-55°C to 125°C) processing available
• Configuration: 32 Meg x 16 (8 Meg x 16 x 4 banks)
• Fully synchronous; all signals registered on positive
edge of system clock
• Internal pipelined operation; column address can be
changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths: 1, 2, 4, 8 or full page
• Auto Precharge, includes CONCURRENT AUTO
PRECHARGE and Auto Refresh Modes
• Self Refresh Mode (IT & ET)
• 64ms, 8,192-cycle refresh (IT)
• 24ms 8,192 cycle refresh (XT)
• WRITE Recovery (t
WR = “2 CLK”)
• LVTTL-compatible inputs and outputs
• Single +3.3V ±0.3V power supply
OPTIONS
MARKING
•
Plastic Package
54-pin TSOPII (400 mil)
DG No. 901
(Pb/Sn finish or RoHS available)
•
Timing (Cycle Time)
7.5ns @ CL = 3 (PC133) o r
-75
10ns @ CL = 2 (PC100)
•
Operating Temperature Ranges
-Industrial Temp (-40°C to 85° C)
IT
-Enhanced Temp (-40°C to +105°C)
ET
-Military Temp (-55°C to 125°C)
XT
*Off-center parting line
**CL = CAS (READ) latency
PIN ASSIGNMENT
(Top View)
54-Pin TSOP
Note: “\” indicates an active low.
512Mb: 32 Meg x 16 SDRAM
Synchronous DRAM Memory
For more products and information
please visit our web site at
www.micross.com
KEY TIMING PARAMETERS
SPEED
CLOCK
SETUP
HOLD
GRADE FREQUENCY CL = 2**
CL = 3**
TIME
TIME
-75
133 MHz
–
5.4ns
1.5ns
0.8ns
-75
100 MHz
6ns
–
1.5ns
0.8ns
ACCESS TIME
32 Meg x 16
Configuration
8 Meg x 16 x 4 banks
Refresh Count
8K
Row Addressing
8K (A0-A12)
Bank Addressing
4 (BA0, BA1)
Column Addressing
1024 (A0-A9)


Similar Part No. - AS4SD32M16DG-75/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD32M16DGC-75/ET AUSTIN-AS4SD32M16DGC-75/ET Datasheet
1Mb / 52P
512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD32M16DGC-75/IT AUSTIN-AS4SD32M16DGC-75/IT Datasheet
1Mb / 52P
512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD32M16DGC-75/XT AUSTIN-AS4SD32M16DGC-75/XT Datasheet
1Mb / 52P
512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD32M16DG-75/XT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Austin Semiconductor
AS4SD4M16 AUSTIN-AS4SD4M16 Datasheet
1Mb / 50P
4 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD4M16 AUSTIN-AS4SD4M16_05 Datasheet
568Kb / 50P
4 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com