Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 2 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 2 Page - Micross Components

  AS4SD32M16DG-75/XT Datasheet HTML 1Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 2Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 3Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 4Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 5Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 6Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 7Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 8Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
2
GENERAL DESCRIPTION
The 512Mb SDRAM is a high-speed CMOS, dynamic
random-access memory containing 536, 870, 912 bits. It is
internally configured as a quad-bank DRAM with a synchro-
nous interface (all signals are registered on the positive edge
of the clock signal, CLK). Each of the 67,108,864-bit banks
is organized as 8,192 rows by 1024 columns by 16 bits.
Read and write accesses to the SDRAM are burst ori-
ented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence.
Accesses begin with the registration of an ACTIVE command,
which is then followed by a READ or WRITE command. The
address bits registered coincident with the ACTIVE command
are used to select the bank and row to be accessed (BA0, BA1
select the bank; A0-A12 select the row). The address bits regis-
tered coincident with the READ or WRITE command are used
to select the starting column location for the burst access.
The SDRAM provides for programmable READ or
WRITE burst lengths of 1, 2, 4, or 8 locations, or the full page,
with a burst terminate option. An auto precharge function may
be enabled to provide a self-timed row precharge that is initiated
at the end of the burst sequence.
The 512Mb SDRAM uses an internal pipelined architecture
to achieve high-speed operation. This architecture is compatible
with the 2n rule of prefetch architectures, but it also allows the
column address to be changed on every clock cycle to achieve
a high-speed, fully random operation. Precharging one bank
while accessing one of the other three banks will hide the pre-
charge cycles and provide seamless, high-speed, random-access
operation.
The 512Mb SDRAM is designed to operate in 3.3V
memory systems. An auto refresh mode is provided, along with
a power-saving, power-down mode. All inputs and outputs are
LVTTL-compatible.
SDRAMs offer substantial advances in DRAM operating
performance, including the ability to synchronously burst data at
a high data rate with automatic column-address generation, the
ability to interleave between internal banks to hide precharge
time and the capability to randomly change column addresses
on each clock cycle during a burst access.
FUNCTIONAL BLOCK DIAGRAM
13
RAS#
CAS#
ROW-
ADDRESS
MUX
CLK
CS#
WE#
CKE
CONTROL
LOGIC
COLUMN-
ADDRESS
COUNTER/
LATCH
MODE REGISTER
10
A0–A12,
BA0, BA1
DQML,
DQMH
13
ADDRESS
REGISTER
15
1024
(x16)
16384
I/O GATING
DQM MASK LOGIC
READ DATA LATCH
WRITE DRIVERS
COLUMN
DECODER
BANK0
MEMORY
ARRAY
(8,192 x 1,024 x 16)
BANK0
ROW-
ADDRESS
LATCH
&
DECODER
8192
SENSE AMPLIFIERS
BANK
CONTROL
LOGIC
DQ0–
DQ15
DQ15
16
16
DATA
INPUT
REGISTER
DATA
OUTPUT
REGISTER
16
12
BANK1
BANK2
BANK3
13
10
2
2
2
2
REFRESH
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com