Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502-HT Datasheet(PDF) 25 Page - Microchip Technology

Part # USB2502-HT
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502-HT Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB2502-HT Datasheet HTML 21Page - Microchip Technology USB2502-HT Datasheet HTML 22Page - Microchip Technology USB2502-HT Datasheet HTML 23Page - Microchip Technology USB2502-HT Datasheet HTML 24Page - Microchip Technology USB2502-HT Datasheet HTML 25Page - Microchip Technology USB2502-HT Datasheet HTML 26Page - Microchip Technology USB2502-HT Datasheet HTML 27Page - Microchip Technology USB2502-HT Datasheet HTML 28Page - Microchip Technology USB2502-HT Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002248A-page 25
USB2502
The Green LED pins are sampled after RESET_N negation, and the logic values are used to configure the hub if the
internal default configuration mode is selected. The implementation shown below (see Figure 5-1) shows a recom-
mended passive scheme. When a pin is configured with a “Strap High” configuration, the LED functions with active low
signaling, and the PAD will “sink” the current from the external supply. When a pin is configured with a “Strap Low” con-
figuration, the LED functions with active high signaling, and the PAD will “source” the current to the external LED.
5.6
Reset
There are two different resets that the Hub experiences. One is a hardware reset (via the RESET_N pin) and the second
is a USB Bus Reset.
5.6.1
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as, assertion of RESET_N for a minimum of 1us after all power supplies are within
operating range. While reset is asserted, the Hub (and its associated external circuitry) consumes less than 500
A of
current from the upstream USB power source (300
A for the Hub and 200A for the external circuitry).
Assertion of RESET_N (external pin) causes the following:
1.
All downstream ports are disabled, and PRTPWR power to downstream devices is removed.
2.
The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3.
All transactions immediately terminate; no states are saved.
4.
All internal registers return to the default state (in most cases, 00(h)).
5.
The external crystal oscillator is halted.
6.
The PLL is halted.
7.
LED indicators are disabled.
The Hub is “operational” 500
s after RESET_N is negated.
Once operational, the Hub immediately reads OEM-specific data from the external EEPROM (if the SMBus option is not
disabled).
FIGURE 5-1:
LED STRAPPING OPTION
HUB
50K
Strap Low
GR2
50K
Strap High
GR1
+V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com