Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502-HT Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2502-HT
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502-HT Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2502-HT Datasheet HTML 8Page - Microchip Technology USB2502-HT Datasheet HTML 9Page - Microchip Technology USB2502-HT Datasheet HTML 10Page - Microchip Technology USB2502-HT Datasheet HTML 11Page - Microchip Technology USB2502-HT Datasheet HTML 12Page - Microchip Technology USB2502-HT Datasheet HTML 13Page - Microchip Technology USB2502-HT Datasheet HTML 14Page - Microchip Technology USB2502-HT Datasheet HTML 15Page - Microchip Technology USB2502-HT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
USB2502
DS000002248A-page 12
 2007 - 2016 Microchip Technology Inc.
5.0
FUNCTIONAL BLOCK DESCRIPTION
5.1
2-Port Hub
Microchip’s USB 2.0 2-Port Hub is fully specification compliant to the Universal Serial Bus Specification Revision 2.0
April 27,2000 (12/7/2000 and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification) for general details
regarding Hub operation and functionality.
For performance reasons, the 2-Port Hub provides 1 Transaction Translator (TT) per port (defined as Multi-TT configu-
ration), divided into 4 non-periodic buffers per TT.
5.1.1
HUB CONFIGURATION OPTIONS
The Microchip Hub supports a large number of features and must be configured in order to correctly function when
attached to a USB host controller. There are three principal ways to configure the hub: SMBus, EEPROM, or by internal
default settings. In all cases, the configuration method will be determined by the CFG_SEL1 and CFG_SEL0 pins imme-
diately after RESET_N negation.
5.1.1.1
Vendor ID
Is a 16-bit value that uniquely identifies the Vendor of the user device (assigned by USB-Interface Forum). This field is
set by the OEM using either the SMBus or EEPROM interface options. When using the internal default option, Micro-
chip’s VID (see Table 5-1) will be reported.
5.1.1.2
Product ID
Is a 16-bit value that the Vendor can assign that uniquely identifies this particular product (assigned by OEM). This field
is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default option, Micro-
chip’s PID designation of (see Table 5-1) will be reported.
5.1.1.3
Device ID
Is a 16-bit device release number in BCD format (assigned by OEM). This field is set by the OEM using either the SMBus
or EEPROM interface options. When using the internal default option, Microchip’s DID designation of (see Table 5-1)
will be reported.
5.1.1.4
Self-Powered/Bus-Powered
The Hub is either Self-Powered (draws less than 2mA of upstream bus power) or Bus-Powered (limited to a 100mA
maximum of upstream power prior to being configured by the host controller).
When configured as a Bus-Powered device, the Microchip Hub consumes less than 100mA of current prior to being
configured. After configuration, the Bus-Powered Microchip Hub (along with all associated hub circuitry, any embedded
devices if part of a compound device, and 100mA per externally available downstream port) must consume no more
than 500mA of upstream VBUS current. The current consumption is system dependent, and the OEM must ensure that
the USB 2.0 specifications are not violated.
When configured as a Self-Powered device, <1mA of upstream VBUS current is consumed and all 7 ports are available,
with each port being capable of sourcing 500mA of current.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the SELF_PWR pin determines the Self-powered or Bus-powered status.
Please see the description under Dynamic Power for the self/bus power functionality when dynamic power switching is
enabled.
5.1.1.5
High-Speed Disable
Allows an OEM to force the Hub to configure as a Full-Speed device only (i.e. High-Speed not available).
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.6
EOP Disable
During FS operation only, this permits the Hub to send EOP if no downstream traffic is detected at EOF1. See Section
11.3.1 of the USB 2.0 Specification for additional details.
This field is set by the OEM using either the SMBus or EEPROM interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com