Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502-HT Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2502-HT
Description  2-Port USB 2.0 Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2502-HT Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2502-HT Datasheet HTML 4Page - Microchip Technology USB2502-HT Datasheet HTML 5Page - Microchip Technology USB2502-HT Datasheet HTML 6Page - Microchip Technology USB2502-HT Datasheet HTML 7Page - Microchip Technology USB2502-HT Datasheet HTML 8Page - Microchip Technology USB2502-HT Datasheet HTML 9Page - Microchip Technology USB2502-HT Datasheet HTML 10Page - Microchip Technology USB2502-HT Datasheet HTML 11Page - Microchip Technology USB2502-HT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
USB2502
DS000002248A-page 8
 2007 - 2016 Microchip Technology Inc.
4.0
2-PORT HUB BLOCK DIAGRAM
FIGURE 4-1:
2-PORT BLOCK DIAGRAM
TABLE 4-1:
2-PORT HUB PIN DESCRIPTIONS
Name
Symbol
Type
Function
UPSTREAM USB 2.0 INTERFACE
USB Bus Data
USBDN0
USBDP0
IO-U
These pins connect to the upstream USB bus data signals.
Detect Upstream
VBUS Power
VBUS_DET
I/O8
Detects state of Upstream VBUS power. The Microchip Hub
monitors VBUS_DET to determine when to assert the internal
D+ pull-up resistor (signaling a connect event).
When designing a detachable hub, this pin must be
connected to the VBUS power pin of the USB port that is
upstream of the hub. (Use of a weak pull-down resistor is
recommended.)
For self-powered applications with a permanently attached
host, this pin must be pulled-up to either 3.3V or 5.0V
(typically VDD33).
Upstream
V
BUS
3.3V
Upstream
PHY
Upstream
USB Data
Repeater
Controller
SIE
Serial
Interface
PLL
24 MHz
Crystal
To EEPROM or
SMBus Master
Routing Logic
SCK
SD
Port
Controller
Downstream PHY #1
OC Sense
Switch Driver
LED Driver
Strapping Options
Downstream PHY #2
Downstream
USB Data
OC
Sense
Switch/LED
Driver/optís
Downstream
USB Data
Bus-Power
Detect
1.8V
Transaction Translator
1.8V Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com