Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L0538-DISCO Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L0538-DISCO
Description  Discovery kit for STM32L0 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L0538-DISCO Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L0538-DISCO Datasheet HTML 1Page - STMicroelectronics STM32L0538-DISCO Datasheet HTML 2Page - STMicroelectronics STM32L0538-DISCO Datasheet HTML 3Page - STMicroelectronics STM32L0538-DISCO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2016
DocID026532 Rev 3
1/4
32L0538DISCOVERY
Discovery kit for STM32L0 Series
Data brief
Features
• STM32L053C8T6 microcontroller featuring
64 KB of Flash memory, 8 KB RAM in an
LQFP48 package.
• On-board ST-LINK/V2-1 with selection mode
switch to use the kit as a standalone ST-
LINK/V2-1 (with SWD connector for
programming and debugging)
• mbed™-enabled (mbed.org)
• USB ST-LINK with re-enumeration capability
and three different interfaces:
– virtual com port
– mass storage
– debug port
• Board power supply: through USB bus or from
an external 5 V supply voltage
• External application power supply: 3 V and 5 V.
• One linear touch sensor or four touchkeys.
• IDD current measurement.
• 2.04” E-paper display, 172x72 pixels
• Four LEDs:
– LD1 (red/green) for USB communication
– LD2 (red) for 3.3 V power-on
– Two user LEDs: LD3 (green), LD4 (red)
• Two pushbuttons (user and reset)
• Extension header for LQFP48 I/Os for a quick
connection to the prototyping board and easy
probing
• Comprehensive free software including a
variety of examples, part of STM32CubeL0
package
Description
The STM32L053 discovery kit helps you to
discover the ultra-low-power microcontrollers of
the STM32L0 series. It offers everything required
for beginners and experienced users to get
started quickly and develop applications easily.
Based on an STM32L053C8T6, it includes an ST-
LINK/V2-1 embedded debug tool interface, linear
touch sensor, touch keys, IDD current
measurement, 2.04” E-paper display, NFC
connector for PLUG-CR95HF-B board, LEDs,
pushbuttons and a USB Mini-B connector.
www.st.com


Similar Part No. - STM32L0538-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L053 STMICROELECTRONICS-STM32L053 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L053 STMICROELECTRONICS-STM32L053 Datasheet
3Mb / 26P
STM32 development boards
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
STM32L053C6 STMICROELECTRONICS-STM32L053C6_V01 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
More results

Similar Description - STM32L0538-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
STM32F3DISCOVERY STMICROELECTRONICS-STM32F3DISCOVERY Datasheet
216Kb / 3P
STM32 F3 series discovery kit
03-Sep-2012
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
29-Sep-2014
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
29-Sep-2014
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com