Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD4 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7183SCD4
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD4 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7183SCD4 Datasheet HTML 6Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 7Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 8Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 9Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 10Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 11Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 12Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 13Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TLE7183F
General Product Characteristics
Data Sheet
10
2.2, 2016-01-27
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Default State of Inputs
Table 1
Default State of Inputs
Note: The load condition “C=22nF; RLoad=1Ω” in the paragraph “Electrical characteristics / Dynamic charactersitic” means that
RLoad is connected between the output Gxx and the positive terminal of the C. The negative terminal of the C is connected
to GND and the corresponding Sxx. The voltage is measured at the positive terminal of the C.
4.2.9
Voltage difference CB2-VDH
VCB2
-0.3
25
V
Operation mode
4.2.10
Junction temperature
Tj
-40
150
°C
1) max ratings for Tj has to be considered as well
2) For proper start up minimum Vs=6.5V is required
3) Duty cycle is referred to the high side input command (IHx); The duty cycles can be driven continuously and fully operational
4) total current consumption from power net (Vs and VDH)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Characteristic
State
Remark
Default state of ILx (if ILx left open)
Low
Low side MOSFETs off
Default state of IHx (if IHx left open)
High
High side MOSFETs off
Default state of ENA (if ENA1 left open)
Low
Device outputs disabled
Default state of ENA (if ENA2 left open)
Low
Device outputs disabled
Default state of INH (if INH left open)
Low
Sleep mode, IQ < 30 µA
Default State of sense amplifier output VO
(ISP=ISN=0V)
Zero ampere equivalent
–
Status of the device and the outputs when
ENA1=ENA2=INH='1'
Device active and outputs functional
Vs=5.5..28V
Pull up or pull down integrated resistors
Ixx, ENA
30k
Ω +/-40%
–
Pull down integrated resistor INH
45k
Ω +/-40%
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com