Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD4 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7183SCD4
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD4 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7183SCD4 Datasheet HTML 7Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 8Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 9Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 10Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 11Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 12Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 13Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 14Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
11
2.2, 2016-01-27
TLE7183F
Description and Electrical Characteristics
5
Description and Electrical Characteristics
5.1
MOSFET Driver
5.1.1
Output Stages
The 3 low side and 3 high side powerful push-pull output stages of the TLE7183F are all floating blocks, each with
its own source pin. This allows the direct connection of the output stage to the source of each single MOSFET,
allowing a perfect control of each gate-source voltage even when 200A are driven in the bridge with rise and fall
times clearly below 1µs.
All 6 output stages have the same output power and thanks to the used charge pump principle they can be
switched all up to 30kHz.
Its output stages are powerful enough to drive MOSFETs with 400nC gate charge with approx. 150ns fall and rise
times or even to run 12 MOSFETs with 200nC each with fall and rise times of approx. 150ns.
Maximum allowed power dissipation, max. junction temperature and the limited current capabilities of the charge
pump limit the use for higher frequencies.
Each output stage has its own short circuit detection block. For more details about short circuit detection see
Chapter 5.2.1.
Figure 3
Block Diagram of Driver Stages including Short Circuit Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com