Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD4 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7183SCD4
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD4 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7183SCD4 Datasheet HTML 15Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 16Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 17Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 18Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD4 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
19
2.2, 2016-01-27
TLE7183F
5.2.13
Short circuit protection detection
level SCD1
V
SCP1(off)
0.3
0.5
0.65
V
5.2.14
Short circuit protection detection
level SCD2
V
SCP2(off)
0.6
0.75
0.9
V
5.2.15
Short circuit protection detection
level SCD3
V
SCP3(off)
0.85
1.0
1.15
V
5.2.16
Short circuit protection detection
level SCD4
V
SCP4(off)
1.35
1.5
1.65
V
5.2.17
Short circuit protection detection
level SCD5
V
SCP5(off)
1.8
2.0
2.2
V
ERR pins
5.2.18
High level output voltage of ERRx
V
OHERR
4.0
–
5.2
V
I= -0.2mA
5.2.19
Low level output voltage of ERRx
V
OLERR
-0.1
–
0.4
V
I= 0.2mA
5.2.20
Propagation time difference ERR1
to ERR2
t
PD(ERR)
–
200
ns
–
5.2.21
Rise time ERRx (20 - 80 %)
t
r(ERR)
50
–
600
ns
CLOAD=100pF
5.2.22
Fall time ERRx (80 - 20 %)
t
f(ERR)
50
–
400
ns
CLOAD=100pF
Over- and undervoltage
5.2.23
Overvoltage shut down
V
OV(off)
28
–
33
V
on Vs and/or VDH
5.2.24
Overvoltage filter time
t
OV
30
–
65
µs
–
5.2.25
Undervoltage shut down CB1
V
UV1
6.75
–
8.25
V
CB1 to GND
5.2.26
Undervoltage shut down CB2
V
UV2
3.9
–
5.7
V
CB2 to VDH
5.2.27
Undervoltage shut down hysteresis
of CB1 and CB2
V
DUV
–1.0
–
V
–
5.2.28
Undervoltage filter time
t
UV
1
–3µs
–
Reset and Enable
5.2.29
Reset time to clear ERR registers
t
Res1
2.0
––µs
–
5.2.30
Low time of ENAx signal without
reset
t
Res0
––
0.5
µs
–
5.2.31
ENAx propagation time (High -->
Low)
t
PENA_H-L
––
2.0
µs
–
5.2.32
ENAx propagation time (Low -->
High)
t
PENA_L-H
––
0.5
µs
–
5.2.33
Return time to normal operation at
auto-restart
t
AR
––
1.0
µs
–
1) Not subject to production test; specified by design
2)
Parameters describe the behaviour of the internal SCD circuit. Therefore only internal delay times are considered. In
application dead-/ delay times determined by application circuit (switching times of MOSFETs, adjusted dead time) have
to be considered as well.
Electrical Characteristics - Protection and diagnostic functions
(cont’d)
V
S = 5.5 to 20V, Tj = -40 to +150°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com