Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2230 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB2230
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2230 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB2230 Datasheet HTML 3Page - Microchip Technology USB2230 Datasheet HTML 4Page - Microchip Technology USB2230 Datasheet HTML 5Page - Microchip Technology USB2230 Datasheet HTML 6Page - Microchip Technology USB2230 Datasheet HTML 7Page - Microchip Technology USB2230 Datasheet HTML 8Page - Microchip Technology USB2230 Datasheet HTML 9Page - Microchip Technology USB2230 Datasheet HTML 10Page - Microchip Technology USB2230 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2005-2016 Microchip Technology Inc.
DS00002252A-page 7
USB2229/USB2230
2.2
128-Pin List Table
DIGITAL, POWER, GROUND & NC (14 Pins)
(5)VDD33
(2)VDD18
(7)VSS
Total 128
TABLE 2-2:
USB2229/USB2230 128-PIN TQFP
Pin #
Name
MA
Pin #
Name
MA
Pin #
Name
MA
Pin #
Name
MA
1
MA13
8
33
CF_D1
8
65
SM_D0
8
97
VSS
-
2
MA14
8
34
CF_D2
8
66
SM_D1
8
98
RBIAS
-
3
VDD33
-
35
CF_D3
8
67
SM_D2
8
99
ATEST
-
4
MA15
8
36
CF_D4
8
68
SM_D3
8
100
VDD33
-
5
MD0
8
37
CF_D5
8
69
SM_D4
8
101
VDD18PLL
-
6
MD1
8
38
CF_D6
8
70
SM_D5
8
102
XTAL1/
CLKIN
-
7
MD2
8
39
CF_D7
8
71
SM_D6
8
103
XTAL2
-
8
MD3
8
40
CF_D8
8
72
SM_D7
8
104
VSSPLL
-
9
MD4
8
41
CF_D9
8
73
SM_ALE
8
105
GPIO9
8
10
MD5
8
42
GPIO8/
CRD_PWR0
8
74
SM_nWP
8
106
VDD18
-
11
MD6
8
43
VDD33
-
75
SM_CLE
8
107
GPIO7
8
12
MD7
8
44
GPIO11/
CRD_PWR2
8
76
SM_nWPS
-
108
VDD33
-
13
nMRD
8
45
CF_D10
8
77
SM_nB/R
-
109
GPIO6/
ROMEN/
MA16
8
14
nMWR
8
46
CF_D11
8
78
SM_nCD
-
110
GPIO5
8
15
VSS
-
47
VSS
-
79
GPIO10/
CRD_PWR1
8111
GPIO4
8
16
VSS
-
48
CF_D12
8
80
VDD33
-
112
VSS
-
17
nMCE
8
49
VDD18
-
81
SM_nRE
8
113
nRESET
8
18
MS_INS
-
50
CF_D13
8
82
SM_nWE
8
114
GPIO2
8
19
MS_D0/
MS_SDIO
8
51
CF_D14
8
83
SM_nCE
8
115
GPIO1
-
20
MS_D1
8
52
CF_D15
8
84
VSS
-
116
MA0/
CLK_SEL0
8
21
MS_D2
8
53
CF_nCD1
-
85
VSS
-
117
MA1/
CLK_SEL1
8
22
MS_D3
8
54
CF_nCD2
-
86
VSSA
-
118
MA2/
SEL_
CLKDRV
8
23
MS_
SCLK
8
55
CF_IRQ
8
87
USBDM
-
119
MA3/
TX_POL
8
24
MS_BS
8
56
CF_IORDY
8
88
USBDP
-
120
MA4
8
25
SD_nWP
-
57
CF_nIOR
8
89
VDDA33
-
121
MA5
8
26
SD_DAT0
8
58
CF_nIOW
8
90
IR_MODE
8
122
MA6
8
27
SD_DAT1
8
59
CF_nRESET
8
91
IR_RXD/RX
8
123
MA7
8
28
SD_DAT2
8
60
CF_nCS0
8
92
IR_TXD/TX
8
124
MA8
8
TABLE 2-1:
USB2229/USB2230 128-PIN PACKAGE (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com