Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2230 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2230
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2230 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2230 Datasheet HTML 11Page - Microchip Technology USB2230 Datasheet HTML 12Page - Microchip Technology USB2230 Datasheet HTML 13Page - Microchip Technology USB2230 Datasheet HTML 14Page - Microchip Technology USB2230 Datasheet HTML 15Page - Microchip Technology USB2230 Datasheet HTML 16Page - Microchip Technology USB2230 Datasheet HTML 17Page - Microchip Technology USB2230 Datasheet HTML 18Page - Microchip Technology USB2230 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2005-2016 Microchip Technology Inc.
DS00002252A-page 15
USB2229/USB2230
Memory Address Bus MA[1:0]/CLK_SE
L[1:0]
I/O8PD
MA[1:0], These signals address memory locations within
the external memory.
SEL[1:0]. During nRESET assertion, these pins will select
the operating frequency of the external clock, and the
corresponding weak pull-down resistors are enabled.
When nRESET is negated, the value on these pins will
be internal latched and these pins will revert to MA[1:0]
functionality, the internal pull-downs will be disabled.
SEL[1:0] = ‘00’. 24MHz
SEL[1:0] = ‘01’. RESERVED
SEL[1:0] = ‘10’. RESERVED
SEL[1:0] = ‘11’. 48MHz
Note:
If the latched value is ‘1’, then the correspond-
ing MA pin is tri-stated when the following con-
ditions are true:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
If the latched value is ‘0’, then the corresponding MA pin
will function identically to the MA[15:3] pins at all times
(other than during nRESET assertion).
Memory Write Strobe
nMWR
O8
Program Memory Write; active low
Memory Read Strobe
nMRD
O8
Program Memory Read; active low
Memory Chip Enable
nMCE
O8
Program Memory Chip Enable; active low.
This signal is asserted, when any of the following
conditions are no longer met:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
Note:
This signal is held to a logic ‘high’ while nRE-
SET is asserted.
MISC
General Purpose I/O
GPIO1
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
GPIO2
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
GPIO3
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
GPIO4
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
GPIO5
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
TABLE 5-1:
USB2229/USB2230 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com