Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2230 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2230
Description  5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2230 Datasheet(HTML) 1 Page - Microchip Technology

  USB2230 Datasheet HTML 1Page - Microchip Technology USB2230 Datasheet HTML 2Page - Microchip Technology USB2230 Datasheet HTML 3Page - Microchip Technology USB2230 Datasheet HTML 4Page - Microchip Technology USB2230 Datasheet HTML 5Page - Microchip Technology USB2230 Datasheet HTML 6Page - Microchip Technology USB2230 Datasheet HTML 7Page - Microchip Technology USB2230 Datasheet HTML 8Page - Microchip Technology USB2230 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2005-2016 Microchip Technology Inc.
DS00002252A-page 1
IrDA Controller
• IrDA v1.1 FIR and SIR Compliant Controller, with
9.6K, 19.2K, 38.4K, 57.6K, 115.2K, 0.576Mbps,
1.152Mpbs and 4Mbps data rate support.
Flash Media Controller
• Complete System Solution for interfacing Smart-
Media(SM) or xD Picture Card(xD)1, Memory
Stick(MS), High Speed Memory Stick (HSMS),
Memory Stick PRO (MSPRO), MS Duo, Secure
Digital (SD), High Speed SD, Mini-Secure Digital
(Mini-SD), TransFlash (SD), MultiMediaCard
(MMC), Reduced Size MultiMediaCard (RS-
MMC), NAND Flash, Compact Flash(CF) and
CF UltraI & II, and CF form-factor ATA hard
drives to Hi-Speed USB
- Supports USB Bulk Only Mass Storage Com-
pliant Bootable BIOS
• Support for simultaneous operation of all above
devices. (only one at a time of each of the follow-
ing groups supported: CF or ATA drive, SM or XD
or NAND, SD or MMC)
• On-Chip 4-Bit High Speed Memory Stick and MS
PRO Hardware Circuitry
• On-Chip firmware reads and writes High Speed
Memory Stick and MS PRO
• 1-bit ECC correction performed in hardware for
maximum efficiency
• Hardware support for SD Security Command
Extensions
• On-chip power FETs with short circuit protection
for supplying flash media card power
• USB Bus Power Certified
• 3.3 Volt I/O with 5V input tolerance on VBUS/
GPIO3
• Complete USB Specification 2.0 Compatibility for
Bus Powered Operation
- Includes Hi-Speed USB Transceiver
- A Bi-directional Control and two Bi-directional
Bulk Endpoints are provided.
• 8051 8 bit microprocessor
- Provides low speed control functions
- 30 Mhz execution speed at 1 clock per
instruction cycle average
- 12K Bytes of internal SRAM for general pur-
pose scratchpad
- 768 Bytes of internal SRAM for general pur-
pose scratchpad or program execution while
re-flashing external ROM
- Two, Double Buffered Bulk Endpoints
- Two, Bi-directional 512 Byte Buffers for Bulk
Endpoints
- 64 Byte RX Control Endpoint Buffer
- 64 Byte TX Control Endpoint Buffer
• Internal or External Program Memory Interface
- 76K Byte Internal Code Space or Optional
128K Byte External Code Space using Flash,
SRAM or EPROM memory.
• On Board 24Mhz Crystal Driver Circuit
• Can be clocked by 48MHz external source
• On-Chip 1.8V Regulator for Low Power Core
Operation
• Internal PLL for 480Mhz Hi-Speed USB Sampling,
Configurable MCU clock
• Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used
• 12 GPIOs for special function use: LED indica-
tors, button inputs, power control to memory
devices, etc.
- Inputs capable of generating interrupts with
either edge sensitivity
• Attribute bit controlled features:
- Activity LED polarity/operation/blink rate
- Full or Partial Card compliance checking
- Bus or Self Powered
- LUN configuration and assignment
- Write Protect Polarity
- SmartDetach - Detach from USB when no
Card Inserted for Notebook apps
- Cover Switch operation for xD compliance
- Inquiry Command operation
- SD Write Protect operation
- Older CF card support
- Force USB 1.1 reporting
- Internal or External Power FET operation
• Compatible with Microsoft WinXP, WinME, Win2K
SP3, Apple OS10, Softconnex, and Linux Multi-
LUN Mass Storage Class Drivers
• Win2K, Win98/98SE and Apple OS8.6 and OS9
Multi-LUN Mass Storage Class Drivers available
from Microchip
• 128-Pin TQFP RoHS Compliant package (1.0mm
height, 14mmx14mm footprint)
1.xD Picture Card not applicable to USB2229.
USB2229/USB2230
5th Generation Hi-Speed USB Flash Media
and IrDA Controller with Integrated Card Power FETs


Similar Part No. - USB2230

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2230 SMSC-USB2230 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2230 SMSC-USB2230 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2230-NE-03 SMSC-USB2230-NE-03 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2230-NE-XX SMSC-USB2230-NE-XX Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2230-NU-03 SMSC-USB2230-NU-03 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
More results

Similar Description - USB2230

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2226 SMSC-USB2226 Datasheet
334Kb / 23P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com