Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240II-AEZG Datasheet(PDF) 28 Page - Microchip Technology

Part # USB2240II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240II-AEZG Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB2240II-AEZG Datasheet HTML 24Page - Microchip Technology USB2240II-AEZG Datasheet HTML 25Page - Microchip Technology USB2240II-AEZG Datasheet HTML 26Page - Microchip Technology USB2240II-AEZG Datasheet HTML 27Page - Microchip Technology USB2240II-AEZG Datasheet HTML 28Page - Microchip Technology USB2240II-AEZG Datasheet HTML 29Page - Microchip Technology USB2240II-AEZG Datasheet HTML 30Page - Microchip Technology USB2240II-AEZG Datasheet HTML 31Page - Microchip Technology USB2240II-AEZG Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
USB224X
DS00001979A-page 28
 2010 - 2015 Microchip Technology Inc.
8.0
PIN RESET STATES
8.1
USB2240/40I/41/41I Pin Reset States
FIGURE 8-1:
PIN RESET STATES
TABLE 8-1:
LEGEND FOR PIN RESET STATES TABLE
Symbol
Description
0
Output driven low
1
Output driven high
IP
Input enabled
PU
Hardware enables pull-up
PD
Hardware enables pull-down
--
Hardware disables function
Z
Hardware disables pad. Both output driver
and input buffers are disabled.
TABLE 8-2:
USB2240/40I/41/41I 36-PIN RESET STATES
Reset State
Pin
Pin Name
Function
Input/
Output
PU/PD
8
xD_D0 / SD_D6 / MS_D7
none
z
--
7
xD_D1 / SD_D7 / MS_D6
none
z
--
5
xD_D2 / SD_D0 / MS_D4
none
z
--
4
xD_D3 / SD_D1 / MS_D5
none
z
--
30
xD_D4 / SD_WP / MS_SCLK
SD_WP
0
--
25
xD_D5 / SD_D2
none
z
--
26
SD_nCD
none
IP
pu
24
MS_INS
none
IP
pu
Voltage
Signal
(v)
Time
(t)
RESET
RESET
Hardware
Initialization
Firmware
Operational
VDD33
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com