Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240II-AEZG Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2240II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240II-AEZG Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2240II-AEZG Datasheet HTML 6Page - Microchip Technology USB2240II-AEZG Datasheet HTML 7Page - Microchip Technology USB2240II-AEZG Datasheet HTML 8Page - Microchip Technology USB2240II-AEZG Datasheet HTML 9Page - Microchip Technology USB2240II-AEZG Datasheet HTML 10Page - Microchip Technology USB2240II-AEZG Datasheet HTML 11Page - Microchip Technology USB2240II-AEZG Datasheet HTML 12Page - Microchip Technology USB2240II-AEZG Datasheet HTML 13Page - Microchip Technology USB2240II-AEZG Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
USB224X
DS00001979A-page 10
 2010 - 2015 Microchip Technology Inc.
5.0
PIN TABLES
TABLE 5-1:
USB2240/2240I 36-PIN QFN PACKAGE
xD/SD/MS INTERFACE (18 PINS)
xD_D3 /
SD_D1 /
MS_D5
xD_D2 /
SD_D0 /
MS_D4
xD_D1 /
SD_D7 /
MS_D6
xD_D0 /
SD_D6 /
MS_D7
xD_nWP /
SD_CLK /
MS_BS
xD_ALE /
SD_D5 /
MS_D1
xD_CLE /
SD_CMD /
MS_D0
xD_D7 /
SD_D4 /
MS_D2
xD_D6 /
SD_D3 /
MS_D3
xD_D5 / SD_D2
xD_nRE
xD_nWE
xD_D4 /
SD_WP /
MS_SCLK
xD_nB/R
xD_nCE
MS_INS
xD_nCD
SD_nCD
USB INTERFACE (5 PINS)
USB+
USB-
XTAL1 (CLKIN)
XTAL2
RBIAS
MISC (7 Pins)
LED
RXD /
SDA
NC
TXD /
SCK /
MS_SKT_SEL
CRD_PWR
TEST
RESET_N
DIGITAL, POWER (6 PINS)
(3) VDD33
VDDA33
VDD18
VDD18PLL
TOTAL 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com