Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240II-AEZG Datasheet(PDF) 5 Page - Microchip Technology

Part # USB2240II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240II-AEZG Datasheet(HTML) 5 Page - Microchip Technology

  USB2240II-AEZG Datasheet HTML 1Page - Microchip Technology USB2240II-AEZG Datasheet HTML 2Page - Microchip Technology USB2240II-AEZG Datasheet HTML 3Page - Microchip Technology USB2240II-AEZG Datasheet HTML 4Page - Microchip Technology USB2240II-AEZG Datasheet HTML 5Page - Microchip Technology USB2240II-AEZG Datasheet HTML 6Page - Microchip Technology USB2240II-AEZG Datasheet HTML 7Page - Microchip Technology USB2240II-AEZG Datasheet HTML 8Page - Microchip Technology USB2240II-AEZG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 5
USB224X
3.0
BLOCK DIAGRAMS
FIGURE 3-1:
USB2240/40I/41/41I BLOCK DIAGRAM
FMDU
CTL
8051
PROCESSOR
SFR
RAM
MS
RAM
USB
Host
AUTO_CBW
PROC
PHY
FMI
XDATA BRIDGE
+ BUS ARBITER
BUS
INTFC
BUS
INTFC
BUS
INTFC
EP0 TX
EP0 RX
EP2 TX
EP2 RX
EP1 RX
EP1 TX
ROM
64 KB
RAM
10 KB
ADDR
MAP
PWR_FET1
Clock
Generation and
Control
SD/
MMC
4K
total
3.3 V
1.8 V Reg
VDD18
3.3 V
VDD18PLL
PLL
24 MHz
Crystal
SIE
CTL
1.8 V Reg
USB2240/40I
USB2241/41I*
xD*
Multiplexed
Interface
NOTE: xD-Picture Card is not applicable to USB2241/41i.
CRD_PWR
SPI
Interface
SPI
Interface
Trace FIFO
Program Memory I/O Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com