Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 22 Page - Microchip Technology

Part # SST25WF080B
Description  8 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 22 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 18Page - Microchip Technology SST25WF080B Datasheet HTML 19Page - Microchip Technology SST25WF080B Datasheet HTML 20Page - Microchip Technology SST25WF080B Datasheet HTML 21Page - Microchip Technology SST25WF080B Datasheet HTML 22Page - Microchip Technology SST25WF080B Datasheet HTML 23Page - Microchip Technology SST25WF080B Datasheet HTML 24Page - Microchip Technology SST25WF080B Datasheet HTML 25Page - Microchip Technology SST25WF080B Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
SST25WF080B
DS20005164C-page 22
 2014 Microchip Technology Inc.
6.2
Hardware Data Protection
SST25WF080B provides a power-up reset function. To
ensure that the power reset circuit will operate cor-
rectly, the device must meet the conditions shown in
Figure 6-2 and Table 6-4. Microchip does not guaran-
tee the data in the event of an instantaneous power fail-
ure that occurs during a Write operation.
FIGURE 6-2:
POWER-DOWN TIMING DIAGRAM
6.3
Software Data Protection
SST25WF080B prevents unintentional operations by
not recognizing commands under the following condi-
tions:
• After inputting a Write command, if the rising CE#
edge timing is not in a bus cycle (8 CLK units of
SCK)
• When the Page-Program data is not in 1-byte
increments
• If the Write Status Register instruction is input for
two bus cycles or more.
6.4
Decoupling Capacitor
A 0.1μF ceramic capacitor must be provided to each
device and connected between VDD and VSS to ensure
that the device will operate correctly.
TABLE 6-4:
RECOMMENDED SYSTEM POWER-DOWN TIMINGS
Symbol
Parameter
Min
Max
Units
TPD
Power-down time
10
ms
VBOT
Power-down voltage
0.2
V
TPD
VDD Min
VDD Max
VDD
25164 F48.0
0V
VBOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com