Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25WF080B
Description  8 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 1 Page - Microchip Technology

  SST25WF080B Datasheet HTML 1Page - Microchip Technology SST25WF080B Datasheet HTML 2Page - Microchip Technology SST25WF080B Datasheet HTML 3Page - Microchip Technology SST25WF080B Datasheet HTML 4Page - Microchip Technology SST25WF080B Datasheet HTML 5Page - Microchip Technology SST25WF080B Datasheet HTML 6Page - Microchip Technology SST25WF080B Datasheet HTML 7Page - Microchip Technology SST25WF080B Datasheet HTML 8Page - Microchip Technology SST25WF080B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005164C-page 1
Features
• Single Voltage Read and Write Operations
- 1.65-1.95V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
- 40MHz
• Dual Input/Output Support
- Fast-Read Dual-Output Instruction (3BH)
- Fast-Read Dual I/O Instruction (BBH)
• Superior Reliability
- Endurance: 100,000 Cycles
- Greater than 20 years Data Retention
• Ultra-Low Power Consumption:
- Active Read Current: 4 mA (typical)
- Standby Current: 10 μA (typical)
- Power-down Mode Standby Current: 4 μA (typical)
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Uniform 64 KByte overlay blocks
• Page Program Mode
- 256 Bytes/Page
• Fast Erase and Page-Program:
- Chip-Erase Time: 500 ms (typical)
- Sector-Erase Time: 40 ms (typical)
- Block-Erase Time: 80 ms (typical)
- Page-Program Time: 0.8 ms/ 256 bytes (typical)
• End-of-Write Detection
- Software polling the BUSY bit in Status Register
• Hold Pin (HOLD#)
- Suspend a serial sequence without deselect-
ing the device
• Write Protection (WP#)
- Enables/Disables the Lock-Down function of
the status register
• Software Write Protection
- Write protection through Block-Protection bits
in status register
• Temperature Range
- Industrial: -40°C to +85°C
• Packages Available
- 8-lead SOIC (150 mils)
- 8-contact USON (2mm x 3mm)
• All devices are RoHS compliant
Product Description
SST25WF080B is a member of the Serial Flash 25
Series family and feature a four-wire, SPI-compatible
interface that allows for a low pin-count package which
occupies less board space and ultimately lowers total
system costs. SPI serial flash memory is manufactured
with proprietary, high-performance CMOS SuperFlash
technology. The split-gate cell design and thick-oxide
tunneling injector attain better reliability and manufac-
turability compared with alternate approaches.
This Serial Flash significantly improve performance
and reliability, while lowering power consumption. The
device writes (Program or Erase) with a single power
supply of 1.65-1.95V. The total energy consumed is a
function of the applied voltage, current, and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy con-
sumed during any Erase or Program operation is less
than alternative flash memory technologies.
SST25WF080B is offered in 8-lead SOIC and 8-contact
USON packages. See Figure 2-1 for the pin assign-
ments.
SST25WF080B
8 Mbit 1.8V SPI Serial Flash


Similar Part No. - SST25WF080B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF080B MICROCHIP-SST25WF080B Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080B-40E/SN MICROCHIP-SST25WF080B-40E/SN Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080B-40E/SN13GVAO MICROCHIP-SST25WF080B-40E/SN13GVAO Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080B-40I/SN MICROCHIP-SST25WF080B-40I/SN Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080BT-40E/NP MICROCHIP-SST25WF080BT-40E/NP Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
More results

Similar Description - SST25WF080B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
SST25WF040B MICROCHIP-SST25WF040B Datasheet
734Kb / 39P
4 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
8-Mbit SPI Serial Flash
Revision D March 2020
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF040B MICROCHIP-SST25WF040B_V01 Datasheet
1Mb / 41P
4 Mbit 1.8V SPI Serial Flash
Revision E Dec 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com