Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST25WF080B
Description  8 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 13Page - Microchip Technology SST25WF080B Datasheet HTML 14Page - Microchip Technology SST25WF080B Datasheet HTML 15Page - Microchip Technology SST25WF080B Datasheet HTML 16Page - Microchip Technology SST25WF080B Datasheet HTML 17Page - Microchip Technology SST25WF080B Datasheet HTML 18Page - Microchip Technology SST25WF080B Datasheet HTML 19Page - Microchip Technology SST25WF080B Datasheet HTML 20Page - Microchip Technology SST25WF080B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005164C-page 17
SST25WF080B
5.12
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new val-
ues to the BP0, BP1, BP2, TB, and BPL bits of the sta-
tus register. CE# must be driven low before the
command sequence of the WRSR instruction is
entered and driven high before the WRSR instruction is
executed. Poll the BUSY bit in the Software Status reg-
ister, or wait TWRSR, for the completion of the internal
self-timed Write-Status-Register cycle. See Figure 5-
12 for WREN and WRSR instruction sequences and
Figure 6-11 for the WRSR flow chart.
Executing the Write-Status-Register instruction will be
ignored when WP# is low and BPL bit is set to ‘1’. When
the WP# is low, the BPL bit can only be set from ‘0’ to
‘1’ to lock-down the status register, but cannot be reset
from ‘1’ to ‘0’. When WP# is high, the lock-down func-
tion of the BPL bit is disabled and the BPL, BP0, BP1,B
P2, and TB bits in the status register can all be
changed. As long as BPL bit is set to ‘0’ or WP# pin is
driven high (VIH) prior to the low-to-high transition of the
CE# pin at the end of the WRSR instruction, the bits in
the status register can all be altered by the WRSR
instruction. In this case, a single WRSR instruction can
set the BPL bit to ‘1’ to lock down the status register as
well as altering the BP0, BP1, BP2, and TB bits at the
same time. See Table 4-1 for a summary description of
WP# and BPL functions.
FIGURE 5-12:
WRITE-ENABLE (WREN) AND WRITE-STATUS-REGISTER (WRSR) SEQUENCE
25164 F20.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 65 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
06
0 1 2 3 45 6 7
0 1 2 3 45 6 7 8
10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com