Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5891 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5891 Datasheet HTML 1Page - Microchip Technology MIC5891 Datasheet HTML 2Page - Microchip Technology MIC5891 Datasheet HTML 3Page - Microchip Technology MIC5891 Datasheet HTML 4Page - Microchip Technology MIC5891 Datasheet HTML 5Page - Microchip Technology MIC5891 Datasheet HTML 6Page - Microchip Technology MIC5891 Datasheet HTML 7Page - Microchip Technology MIC5891 Datasheet HTML 8Page - Microchip Technology MIC5891 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005638A-page 3
MIC5891
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings † (Note 1, Note 2, Note 3)
Output Voltage (VOUT) ..............................................................................................................................................+50V
Logic Supply Voltage Range (VDD) ............................................................................................................ +4.5V to +15V
Load Supply Voltage Range (VBB)............................................................................................................. +5.0V to +50V
Input Voltage Range (VIN).............................................................................................................. –0.3V to (VDD + 0.3V)
Continuous Collector Current (IC) .........................................................................................................................500 mA
Package Power Dissipation ...................................................................................................................... See Figure 2-1
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Note 1:
TA = +25°C.
2:
Derate at the rate of 20 mW/°C above TA = +25°C.
3:
Microchip CMOS devices have input-static protection, but are susceptible to damage when exposed to
extremely high static electrical charges.
TABLE 1-1:
ALLOWABLE DUTY CYCLES
Number of Outputs ON at
IOUT = –200 mA
Maximum Allowable Duty Cycles at a TA of:
+50°C
+60°C
+70°C
8
53%
47%
41%
7
60%
54%
48%
6
70%
64%
56%
5
83%
75%
67%
4
100%
94%
84%
3
100%
100%
100%
2
100%
100%
100%
1
100%
100%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com