Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5891 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5891 Datasheet HTML 1Page - Microchip Technology MIC5891 Datasheet HTML 2Page - Microchip Technology MIC5891 Datasheet HTML 3Page - Microchip Technology MIC5891 Datasheet HTML 4Page - Microchip Technology MIC5891 Datasheet HTML 5Page - Microchip Technology MIC5891 Datasheet HTML 6Page - Microchip Technology MIC5891 Datasheet HTML 7Page - Microchip Technology MIC5891 Datasheet HTML 8Page - Microchip Technology MIC5891 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MIC5891
DS20005638A-page 4
 2016 Microchip Technology Inc.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VBB = 50V, VDD = 5V to 12V; TA = 25°C, unless noted. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Leakage Current
ICEX
——
–50
µA
TA = +25°C
—
—
–100
µA
TA = +85°C
Output Saturation Voltage
VCE(SAT)
——
2.3
V
IOUT = –100 mA, TA = +85°C
——
2.4
V
IOUT = –225 mA, TA = +85°C
——
2.5
V
IOUT = –350 mA, TA = +85°C
Output Sustaining Voltage
VCE(SUS)
35
—
—
V
IOUT = –350 mA, L = 2 mH
Input Voltage
VIN(1)
VIN(0)
3.5
—
VDD+0.3
V
VDD = 5.0V
10.5
—
VDD+0.3
V
VDD = 12V
VSS–0.3
—
0.8
V
VDD = 5.0V to 12V
Input Current
IIN(1)
——
120
µA
VDD = VIN = 5.0V
——
240
µA
VDD = 12V
Input Impedance
ZIN
100
—
—
kΩ
VDD = 5.0V
50
—
—
kΩ
VDD = 12V
Maximum Clock Frequency
fc
3.3
—
—
MHz
—
Serial Data Output Resistance
ROUT
——
20
kΩ
VDD = 5.0V
——
6.0
kΩ
VDD = 12V
Turn-On Delay
tPLH
——
2.0
µs
Output Enable to Output,
IOUT = –350 mA
Turn-Off Delay
tPHL
——
10
µs
Output Enable to Output,
IOUT = –350 mA
Supply Current
IBB
—
—
10
mA
All outputs on, all outputs open
—
—
200
µA
All outputs off
IDD
——
100
µA
VDD = 5V, all outputs off,
inputs = 0V
——
200
µA
VDD = 12V, all outputs off,
inputs = 0V
——
1.0
mA
VDD = 5V, one output on,
inputs = 0V
——
3.0
mA
VDD = 12V, one output on,
inputs = 0V
Diode Leakage Current
IH
—
—
50
µA
TA = +25°C; Max. VBB
——
100
µA
TA = +85°C; Max. VBB
Diode Forward Voltage
VF
——
2.0
V
IF = 350 mA; VBB open
Note 1:
Specification for packaged product only.
2:
Positive (negative) current is defined as going into (coming out of) the specified device pin.
3:
Operation of these devices with standard TTL may require the use of appropriate pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com