Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5891 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5891 Datasheet HTML 3Page - Microchip Technology MIC5891 Datasheet HTML 4Page - Microchip Technology MIC5891 Datasheet HTML 5Page - Microchip Technology MIC5891 Datasheet HTML 6Page - Microchip Technology MIC5891 Datasheet HTML 7Page - Microchip Technology MIC5891 Datasheet HTML 8Page - Microchip Technology MIC5891 Datasheet HTML 9Page - Microchip Technology MIC5891 Datasheet HTML 10Page - Microchip Technology MIC5891 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005638A-page 7
MIC5891
3.0
TIMING CONDITIONS
The descriptions of the timing conditions are listed below Figure 3-1.
FIGURE 3-1:
Timing Conditions.
L = Low Logic Level, H = High Logic Level, X = Irrelevant, P = Present State, R = Previous State.
TABLE 3-1:
TIMING CONDITIONS PARAMETERS
VDD = 5.0V, Logic levels are VDD and ground.
Reference
Parameter
Value
A
Minimum data active time before clock pulse (data set-up time)
75 ns
B
Minimum data active time after clock pulse (data hold time)
75 ns
C
Minimum data pulse width
150 ns
D
Minimum clock pulse width
150 ns
E
Minimum time between clock activation and strobe
300 ns
F
Minimum strobe pulse width
100 ns
G
Typical time between strobe activation and output transition
1.0 µs
H
Turn-off delay
See Electrical Characteristics
I
Turn-on delay
See Electrical Characteristics
CLOCK
DATA IN
STROBE
OUTPUT
ENABLE
OUTN
B
D
F
E
C
G
A
H
I
TABLE 3-2:
TRUTH TABLE
Serial
Data
Input
Clock
Input
Shift Register
Contents
Serial
Data
Output
Strobe
Input
Latch Contents
Output
Enable
Output Content
I1 I2 I3 ... IN-1 IN
I1 I2 I3 ... IN-1 IN
I1 I2 I3 ... IN-1 IN
HH R1 R2 ... RN-2 RN-1
RN-1
——
——
LL R1 R2 ... RN-2 RN-1
RN-1
XR1 R2 R3 ... RN-1 RN
RN
——
X X X ... X X
X
L
R1 R2 R3 ... RN-1 RN
P1 P2 P3 ... PN-1 PN
PN
HP1 P2 P3 ... PN-1 PN
LP1 P2 P3 ... PN-1 PN
—
—
—
X X X ... X X
H
L L L ... L L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com