Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9919 Datasheet(PDF) 6 Page - Microchip Technology

Part # AT9919
Description  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AT9919 Datasheet HTML 2Page - Microchip Technology AT9919 Datasheet HTML 3Page - Microchip Technology AT9919 Datasheet HTML 4Page - Microchip Technology AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology AT9919 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AT9919
DS20005595A-page 6
 2016 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The details on the pins of AT9919 are listed on
Table 2-1. Refer to Package Type for the location of
pins.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
CS
Current sense input. Senses LED string current.
2
VIN
Input voltage 4.5V to 40V DC
3
RAMP
Analog PWM dimming ramp output
4
ADIM
Analog 0V~2V signal input for analog control of PWM dimming
5
DIM
PWM signal input
6
VDD
Internally regulated supply voltage. Connect a capacitor from VDD to ground.
7
GND
Device ground
8
GATE
Drives GATE of the external MOSFET
TAB
GND
Must be wired to pin 7 on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com