Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9919 Datasheet(PDF) 7 Page - Microchip Technology

Part # AT9919
Description  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT9919 Datasheet HTML 3Page - Microchip Technology AT9919 Datasheet HTML 4Page - Microchip Technology AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology AT9919 Datasheet HTML 10Page - Microchip Technology AT9919 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005595A-page 7
AT9919
3.0
APPLICATION INFORMATION
3.1
General Description
The
AT9919
is
a
step-down
constant-current
high-brightness LED (HB LED) driver. The device
operates from a 4.5V to 40V input voltage range and
provides the gate drive output to an external N-channel
MOSFET. A high-side current sense resistor sets the
output current, and a dedicated PWM dimming input
(DIM) allows for a wide range of dimming duty ratios.
The PWM dimming could also be achieved by applying
a DC voltage between 0V and 2V to the analog
dimming input (ADIM). In this case, the dimming
frequency can be programmed using a single capacitor
at the RAMP pin. The high-side current sensing
scheme minimizes the number of external components
while delivering LED current with a ±8% accuracy,
using a 1% sense resistor.
3.2
Undervoltage Lockout (UVLO)
The AT9919 includes a 3.7V UVLO with 500 mV
hysteresis. When VIN falls below 3.7V, GATE goes low,
turning off the external N-channel MOSFET. GATE
goes high once VIN is 4.5V or higher.
3.3
5V Regulator
VDD is the output of a 5V regulator capable of sourcing
8 mA. Bypass VDD to GND with a 1 µF capacitor.
3.4
DIM Input
The AT9919 allows dimming with a PWM signal at the
DIM input. A logic level below 0.7V at DIM forces the
GATEOUTPUT low, turning off the LED current. To turn
on the LED current, the logic level at DIM must be at
least 2.2V.
3.5
ADIM and RAMP Inputs
The PWM dimming scheme can also be implemented
by applying an analog control signal to the ADIM pin. If
an analog control signal of 0V~2.0V is applied to ADIM,
the device compares this analog input to a voltage
ramp to pulse width modulate the LED current.
Connecting an external capacitor to RAMP programs
the PWM dimming ramp frequency. See Equation 3-1.
EQUATION 3-1:
fPWM
1
CRAMP 120k
-----------------------------------------
=
The DIM and ADIM inputs can be used simultaneously.
In such case, a fPWM(MAX) lower than the frequency of
the dimming signal at DIM must be selected. The
smaller dimming duty cycle of ADIM and DIM will
determine the GATE signal.
When the analog control of PWM dimming feature is
not used, RAMP must be wired to GND and ADIM
should be connected to VDD.
One possible application of the ADIM feature may
include
protection
of
the
LED
load
from
overtemperature by connecting an NTC thermistor to
ADIM as shown in Figure 3-1.
NTC
VDD
ADIM
GND
AT9919
FIGURE 3-1:
Overtemperature Protection
using ADIM Pin.
3.6
Setting LED Current with the
External Resistor (RSENSE)
The output current in the LED is determined by the
external current sense resistor (RSENSE) connected
between VIN and CS. Disregarding the effect of the
propagation delays, the sense resistor can be
calculated as seen in Equation 3-2.
EQUATION 3-2:
RSENSE
1
2
---


VRS HI

VRS LO

+
ILED
---------------------------------------------


200mV
ILED
-----------------
=
3.7
Selecting Buck Inductor (L)
The AT9919 regulates the LED output current using an
input comparator with hysteresis. (See Figure 3-2.) As
the current through the inductor ramps up, and the
voltage across the sense resistor reaches the upper
threshold, the voltage at GATE goes low, turning off the
external MOSFET. The MOSFET turns on again when
the inductor current ramps down through the
freewheeling diode until the voltage across the sense
resistor equals the lower threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com