Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9919 Datasheet(PDF) 1 Page - Microchip Technology

Part # AT9919
Description  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 Datasheet(HTML) 1 Page - Microchip Technology

  AT9919 Datasheet HTML 1Page - Microchip Technology AT9919 Datasheet HTML 2Page - Microchip Technology AT9919 Datasheet HTML 3Page - Microchip Technology AT9919 Datasheet HTML 4Page - Microchip Technology AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005595A-page 1
AT9919
Features
• Hysteretic Control with High-side Current Sensing
• Wide Input Voltage Range: 4.5V to 40V
• >90% Efficiency
• Typical ±5% LED Current Accuracy
• Up to 2 MHz Switching Frequency
• Adjustable Constant LED Current
• Analog or Pulse-With Modulation (PWM) Control
Signal for PWM Dimming
• Overtemperature Protection
• –40ºC to +125ºC Operating Temperature Range
Applications
• LED Lighting Applications
General Description
The AT9919 is a PWM controller IC designed to drive
high-brightness LEDs using a buck topology. It
operates from an input voltage of 4.5 VDC to 40 VDC
and employs hysteretic control with a high-side current
sense resistor to set the constant output current.
The operating frequency range can be set by selecting
the proper inductor. Operation at high switching
frequency is possible since the hysteretic control
maintains accuracy even at high frequencies. This
permits the use of small inductors and capacitors,
minimizing space and cost in the overall system.
LED brightness control is achieved with PWM dimming
from an analog or PWM input signal. Unique PWM
circuitry allows true constant color with a high dimming
range. The dimming frequency is programmed using a
single external capacitor.
The AT9919 comes in a small, 8-lead DFN package
and is qualified for LED lighting applications.
Package Type
8-lead DFN
(Top View)
See Table 2-1 for pin information.
8
1
2
3
4
7
6
5
CS
VIN
GATE
RAMP
ADIM
GND
VDD
DIM
GND
Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing


Similar Part No. - AT9919

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
AT9919K7-G SUTEX-AT9919K7-G Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
More results

Similar Description - AT9919

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Supertex, Inc
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
HV9918 SUTEX-HV9918 Datasheet
477Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
logo
Microchip Technology
HV9919B MICROCHIP-HV9919B Datasheet
352Kb / 13P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
07/14/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com