Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111C014/883C Datasheet(PDF) 1 Page - Micross Components

Part # AS111C014/883C
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS111C014/883C Datasheet(HTML) 1 Page - Micross Components

  AS111C014/883C Datasheet HTML 1Page - Micross Components AS111C014/883C Datasheet HTML 2Page - Micross Components AS111C014/883C Datasheet HTML 3Page - Micross Components AS111C014/883C Datasheet HTML 4Page - Micross Components AS111C014/883C Datasheet HTML 5Page - Micross Components AS111C014/883C Datasheet HTML 6Page - Micross Components AS111C014/883C Datasheet HTML 7Page - Micross Components AS111C014/883C Datasheet HTML 8Page - Micross Components AS111C014/883C Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
1
AS111
Rev. 1.7 01/10
GENERAL DESCRIPTION
The AS111 is a voltage comparator that has input currents
nearly a thousand times lower than other similar devices like.
It is also designed to operate over a wider range of supply
voltages: from standard ±15V op amp supplies down to the
single 5V supply used for IC logic. Their output is compatible
with RTL, DTL and TTL as well as MOS circuits. Further,
they can drive lamps or relays, switching voltages up to 50V
at
currents as high as 50 mA.
Both the inputs and the outputs of the AS111 can be
isolated from system ground, and the output can drive loads
referred to ground, the positive supply or the negative supply.
Offset balancing and strobe capability are provided and
out-
puts can be wire OR’ed. Although slower than some
devices
(200 ns response time vs 40 ns), this device is also much less
prone to spurious oscillations.
FEATURES
• Operates from single 5V supply
• Input current: 150 nA max. over temperature
• Offset current: 20 nA max. over temperature
• Differential input voltage range: ±30V
• Power consumption: 135 mW at ±15V
OPTIONS
MARKINGS
• Packages
8 pin Ceramic DIP
C008
14 pin Ceramic DIP
C014
20 pin Ceramic LCC
E020
8 Lead Metal Can
TO08
• Temperature Ranges
Extended (-55oC to +125oC)
XT
MIL-STD-883 paragraph 1.2.1
(-55oC to +125oC)
/883
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-86877
• M38510/10304B
• MIL-STD-883, 1.2.1
Voltage Comparator
For more products and information
please visit our web site at
www.micross.com
PIN ASSIGNMENT
(Top View)
1
2
3
4
8
7
6
5
GND
INPUT+
INPUT-
V-
V+
OUTPUT
BALANCE/
STROBE
BALANCE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
GND
INPUT+
INPUT-
NC
V-
BALANCE
NC
NC
NC
V+
NC
OUTPUT
BALANCE/
STROBE
8 Pin Ceramic DIP (C008)
14 Pin Ceramic DIP (C014)
8 Lead Metal Can (TO08)
20 Pin Ceramic LCC (E020)
V+
GND
INPUT+
INPUT-
BALANCE
V-
BALANCE/STROBE
OUTPUT
1
2
3
4
5
6
7
8


Similar Part No. - AS111C014/883C

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS111C014/883C AUSTIN-AS111C014/883C Datasheet
2Mb / 21P
Voltage Comparator
More results

Similar Description - AS111C014/883C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33334E INTERSIL-ISL33334E Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
logo
Maxim Integrated Produc...
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
Operates From a Single 3V to 5V Supply
Rev 0; 8/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
Operates from a Single 5V Supply
Rev 2; 12/18
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
Operates from a Single Supply
Rev 0; 11/17
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
Operates From a Single 3V to 5V Supply
Rev 1; 10/18
MAX22507EEVKIT MAXIM-MAX22507EEVKIT Datasheet
447Kb / 6P
Operates from a Single 3V to 5V Supply
Rev 0; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com