Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111C014/883C Datasheet(PDF) 3 Page - Micross Components

Part # AS111C014/883C
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS111C014/883C Datasheet(HTML) 3 Page - Micross Components

  AS111C014/883C Datasheet HTML 1Page - Micross Components AS111C014/883C Datasheet HTML 2Page - Micross Components AS111C014/883C Datasheet HTML 3Page - Micross Components AS111C014/883C Datasheet HTML 4Page - Micross Components AS111C014/883C Datasheet HTML 5Page - Micross Components AS111C014/883C Datasheet HTML 6Page - Micross Components AS111C014/883C Datasheet HTML 7Page - Micross Components AS111C014/883C Datasheet HTML 8Page - Micross Components AS111C014/883C Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
3
AS111
Rev. 1.7 01/10
TYPICAL APPLICATIONS (CONTINUED)3
NOTE: Do Not Ground Strobe Pin
NOTE 2: Typical input current is 50pV with inputs strobed off.
NOTE 3: Pin connections shown on schematic diagram and typical applications are for TO08 metal can package.
*Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ABSOLUTE MAXIMUM RATINGS*,5
Total Supply Voltage (V
84)................................................36V
Output to Negative Supply Voltage (V
74)..........................50V
Ground to Negative Supply Voltage (V
14).........................30V
Differential Input Voltage................................................±30V
Input Voltage4..................................................................±15V
Output Short Circuit Duration........................................10 sec
Lead Temperature (Soldering, 10 sec)...........................260°C
Voltage at Stobe Pin.....................................................V+ -5V
Note 4: This rating applies for ±15 supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal to
the negative supply voltage or 30V below the positive supply, whichever is less.
Note 5: The maximum junction temperature of the AS111 is 150°C. For operating at elevated temperatures, devices in the TO08 package must be derated
based on a thermal resistance of 165°C/W, junction to ambient, or 20°C/W, junction to case. The thermal resistance of the dual-in-line
package is 110°C/W, junction to ambient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com