Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111C014/883C Datasheet(PDF) 17 Page - Micross Components

Part # AS111C014/883C
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS111C014/883C Datasheet(HTML) 17 Page - Micross Components

Back Button AS111C014/883C Datasheet HTML 13Page - Micross Components AS111C014/883C Datasheet HTML 14Page - Micross Components AS111C014/883C Datasheet HTML 15Page - Micross Components AS111C014/883C Datasheet HTML 16Page - Micross Components AS111C014/883C Datasheet HTML 17Page - Micross Components AS111C014/883C Datasheet HTML 18Page - Micross Components AS111C014/883C Datasheet HTML 19Page - Micross Components AS111C014/883C Datasheet HTML 20Page - Micross Components AS111C014/883C Datasheet HTML 21Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
17
AS111
Rev. 1.7 01/10
Micross Case (Package Designator C014)
M38510/10304B, Case Outline C
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
---
0.200
b
0.014
0.026
b2
0.045
0.065
c
0.008
0.018
D
---
0.785
E
0.220
0.310
e
eA
L
0.125
0.200
Q
0.015
0.060
S1
0.005
---
S2
0.005
---
SYMBOL
MICROSS SPECIFICATIONS
0.100 BCS
0.300 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com