Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP306 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP306
Description  RS-422/RS-423 Line Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP306 Datasheet(HTML) 1 Page - Sipex Corporation

  SP306 Datasheet HTML 1Page - Sipex Corporation SP306 Datasheet HTML 2Page - Sipex Corporation SP306 Datasheet HTML 3Page - Sipex Corporation SP306 Datasheet HTML 4Page - Sipex Corporation SP306 Datasheet HTML 5Page - Sipex Corporation SP306 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
89
Corporation
SIGNAL PROCESSING EXCELLENCE
DESCRIPTION…
The SP306 is a single chip device that offers both RS-422 and RS-423–type serial interfaces. The
device can be programmed to provide two full–duplex channels of either RS-422 or RS-423 via
two mode control pins. The SP306 also features a loopback function that can be activated in any
operating mode. The SP306 is available in a 28–pin SOIC package for operation over the
commercial temperature range.
s Single chip serial transceiver supports
RS-422 or RS-423 interfaces
s Programmable Selection of Interface
s Two Full–Duplex Channels of Either
Interface
s Software–Selectable Mode
s Loopback for Self–Testing
s Short–Circuit Protected
s Surface Mount Packaging
SP306
RS-422/RS-423 Line Drivers/Receivers
LOOPBACK
GND
SUPPLY
+5V +12V –12V
T1
T2
R1
VCC VDD VEE
TINA
TINB
TOUTA1
TOUTA2
RINA1
ROUTA
TOUTB2
TOUTB1
RINA2
RINB2
SP306
28
1
15
23
6
5
20
9
10
26
3
2
17
13
14
7
8
SELECT A
SELECT B
12
22
ROUTB
R2
RINB1
Corporation
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP306

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP3060R SECOS-SP3060R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SP306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
RS-232/RS-422 Line Drivers/Receivers
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
RS-232/RS-422 Line Drivers/Receivers
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com