Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP306 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP306
Description  RS-422/RS-423 Line Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP306 Datasheet(HTML) 3 Page - Sipex Corporation

  SP306 Datasheet HTML 1Page - Sipex Corporation SP306 Datasheet HTML 2Page - Sipex Corporation SP306 Datasheet HTML 3Page - Sipex Corporation SP306 Datasheet HTML 4Page - Sipex Corporation SP306 Datasheet HTML 5Page - Sipex Corporation SP306 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
91
Corporation
SIGNAL PROCESSING EXCELLENCE
Note:
1.
The common mode voltage is defined as the algebraic mean of the two voltages appearing at the
receiver input terminals with respect to the receiver circuit ground.
2.
Only one output drive pin per package will be shorted at any time.
3.
From 10% to 90% of steady state.
4.
This is an absolute maximum rating. Normal operating levels are V
IN ≤ 5V.
5.
Outputs unloaded. Inputs tied to GND; T
A=+25°C; VIL = 0V; LB = 0.
6.
V
OL/VOH will typically be ±3V over –55°C to +125°C with 450Ω loads.
PINOUT
Pin 13 — R
INB2— RS422 input
Pin 14 — GND — Signal ground. Connected to
logic and chasis ground.
Pin 15 — V
EE — –12V Power Supply.
Pin 16 — N.C. — No Connection.
Pin 17 — R
OUTB — TTL output.
Pin 18 — N.C. — No Connection.
Pin 19 — N.C. — No Connection.
Pin 20 — T
INB — TTL input.
Pin 21 — N.C. — No Connection.
Pin 22 — LOOPBACK — Active low; logic “1”
selects operating mode controlled by SELECT
A and SELECT B; logic “0” selects loopback
configuration for whatever operating mode is
selected by states of SELECT A and
SELECT B.
Pin 23 — T
INA — TTL input.
Pin 24 — N.C. — No Connection.
Pin 25 — N.C. — No Connection.
Pin 26 — R
OUTA — TTL output.
Pin 27 — N.C. — No Connection.
Pin 28 — V
CC — +5V Power Supply.
FEATURES…
The SP306 is a single chip device that offers
both RS-422 and RS-423 serial interfaces. The
device can be programmed via two control mode
pins (7 and 8). In either operating mode, the
SP306 provides two full–duplex channels. A
loopback function is also provided for chip self–
test, which connects driver outputs to receiver
inputs with no external circuitry.
The RS-422 drivers convert TTL logic levels
into RS-422 differential output signals. The
RS-422 line driver outputs feature high source
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VDD
RINA2
RINA1
N.C.
TOUTA2
TOUTA1
SELECTA
SELECTB
TOUTB1
TOUTB2
N.C.
RINB1
RINB2
GND
VCC
N.C.
ROUTA
N.C.
N.C.
TINA
LOOPBACK
N.C.
TINB
N.C.
N.C.
ROUTB
N.C.
VEE
SP306
PIN ASSIGNMENTS
Pin 1 — V
DD — +12V Power Supply.
Pin 2 — R
INA2 — RS422 input.
Pin 3 — R
INA1 — RS422/RS423 input.
Pin 4 — N.C. — No Connection.
Pin 5 — T
OUTA2 —RS422 output.
Pin 6 — T
OUTA1 — RS422/RS423 output.
Pin 7 — SEL A — Select A; used with Select B
(pin 8) to select operating mode; please refer to
SP306 Control Logic Configuration section for
truth table.
Pin 8 — SEL B — Select B; used with Select A
(pin 7) to select operating mode; please refer to
SP306 Control Logic Configuration section for
truth table.
Pin 9— T
OUTB1— RS422/RS423 output.
Pin 10 — T
OUTB2 — RS422 output.
Pin 11 — N.C. — No Connection.
Pin 12— R
INB1— RS422/RS423 input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com