Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP306 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP306
Description  RS-422/RS-423 Line Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP306 Datasheet(HTML) 5 Page - Sipex Corporation

  SP306 Datasheet HTML 1Page - Sipex Corporation SP306 Datasheet HTML 2Page - Sipex Corporation SP306 Datasheet HTML 3Page - Sipex Corporation SP306 Datasheet HTML 4Page - Sipex Corporation SP306 Datasheet HTML 5Page - Sipex Corporation SP306 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
93
Corporation
SIGNAL PROCESSING EXCELLENCE
Figure 2. Control Input Configuration — SELECT A = 0, SELECT B = 1
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
TINA
RINA1
ROUTA
TOUTA1
SELECT A = 0
SELECT B = 1
LOOPBACK = 0
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
SELECT A = 0
SELECT B = 1
LOOPBACK = 1
TINA
RINA1
ROUTA
TOUTA*1
RS-423 DRIVER
* Tri–state output
RS-423 RECEIVER
RS-422 RECEIVER
RS-422 DRIVER
* Tri–state output
RINB2
RINB1
TOUTB1
TOUTB2
ROUTB
TINB
ROUTB
TINB
RINB2
RINB1
TOUTB*1
TOUTB*2
Figure 3. Control Input Configuration — SELECT A = 1, SELECT B = 0
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
SELECT A = 1
SELECT B = 0
LOOPBACK = 0
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
SELECT A = 1
SELECT B = 0
LOOPBACK = 1
TINB
RINB1
ROUTB
TOUTB *1
RS-423 DRIVER
* Tri–state output
RS-423 RECEIVER
RS-422 RECEIVER
RS-422 DRIVER
* Tri–state output
RINA2
RINA1
TOUTA1
TOUTA2
ROUTA
TINA
ROUTA
TINA
RINA2
RINA1
TOUTA*1
TOUTA*2
TINB
RINB1
ROUTB
TOUTB 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com