Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5510WM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510WM
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510WM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button TP5510WM Datasheet HTML 2Page - National Semiconductor (TI) TP5510WM Datasheet HTML 3Page - National Semiconductor (TI) TP5510WM Datasheet HTML 4Page - National Semiconductor (TI) TP5510WM Datasheet HTML 5Page - National Semiconductor (TI) TP5510WM Datasheet HTML 6Page - National Semiconductor (TI) TP5510WM Datasheet HTML 7Page - National Semiconductor (TI) TP5510WM Datasheet HTML 8Page - National Semiconductor (TI) TP5510WM Datasheet HTML 9Page - National Semiconductor (TI) TP5510WM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Timing Specifications Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC e 50V
g
5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits are
assured by correlation with other production tests andor product design and characterization All signals referenced to GNDA
Typicals specified at VCC e 50V VBB eb50V TA e 25 C All timing parameters are measured at VOH e 20V and VOL e
07V See Definitions and Timing Conventions section for test methods information
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1tPM
Frequency of Master Clocks
Depends on the Device Used and the
1536
MHz
BCLKD CLKSEL Pin
1544
MHz
MCLKE and MCLKD
2048
MHz
tDM
Rise Time of Master Clock
MCLKE and MCLKD
50
ns
tFM
Fall Time of Master Clock
MCLKE and MCLKD
50
ns
tPB
Period of Bit Clock
485
488
15725
ns
tDB
Rise Time of Bit Clock
BCLKE and BCLKD
50
ns
tFB
Fall Time of Bit Clock
BCLKE and BCLKD
50
ns
tWMH
Width of Master Clock High
MCLKE and MCLKD
160
ns
tWML
Width of Master Clock Low
MCLKE and MCLKD
160
ns
tSBFM
Set-Up Time from BCLKE High
First Bit Clock after the Leading
100
ns
to MCLKE Falling Edge
Edge of FSE
tSFFM
Set-Up Time from FSE High
Long Frame Only
100
ns
to MCLKE Falling Edge
tWBH
Width of Bit Clock High
VIHe22V
160
ns
tWBL
Width of Bit Clock Low
VILe06V
160
ns
tHBFL
Holding Time from Bit Clock
Long Frame Only
0
ns
Low to Frame Sync
tHBFS
Holding Time from Bit Clock
Short Frame Only
0
ns
High to Frame Sync
tSFB
Set-Up Time from Frame Sync
Long Frame Only
115
ns
to Bit Clock Low
tDBD
Delay Time from BCLKE High
Loade150 pF plus 2 LSTTL Loads
0
140
ns
to Data Valid
tDBTS
Delay Time to TSE Low
Loade150 pF plus 2 LSTTL Loads
140
ns
tDZC
Delay Time from BCLKE Low to
CLe0 pF to 150 pF
50
165
ns
Data Output Disabled
tDZF
Delay Time to Valid Data from
CLe0 pF to 150 pF
20
165
ns
FSE or BCLKE Whichever
Comes Later
tSDB
Set-Up Time from DD Valid to
50
ns
BCLKDE Low
tHBD
Hold Time from BCLKDE Low to
50
ns
DD Invalid
tSF
Set-Up Time from FSED to
Short Frame Sync Pulse (1 Bit Clock
50
ns
BCLKED Low
Period Long)
tHF
Hold Time from BCLKED Low
Short Frame Sync Pulse (1 Bit Clock
100
ns
to FSED Low
Period Long)
tHBFl
Hold Time from 3rd Period of
Long Frame Sync Pulse (from 3 to 8 Bit
100
ns
Bit Clock Low to Frame Sync
Clock Periods Long)
(FSE or FSD)
tWFL
Minimum Width of the Frame
64k Bits Operating Mode
160
ns
Sync Pulse (Low Level)
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com