Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5510WM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510WM
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510WM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TP5510WM Datasheet HTML 4Page - National Semiconductor (TI) TP5510WM Datasheet HTML 5Page - National Semiconductor (TI) TP5510WM Datasheet HTML 6Page - National Semiconductor (TI) TP5510WM Datasheet HTML 7Page - National Semiconductor (TI) TP5510WM Datasheet HTML 8Page - National Semiconductor (TI) TP5510WM Datasheet HTML 9Page - National Semiconductor (TI) TP5510WM Datasheet HTML 10Page - National Semiconductor (TI) TP5510WM Datasheet HTML 11Page - National Semiconductor (TI) TP5510WM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Transmission Characteristics Unless otherwise noted limits printed in BOLD characters are guaranteed for
VCC e 50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other
limits are assured by correlation with other production tests andor product design and characterization GNDA e 0V f e 102
kHz VIN e 0 dBm0 encode input amplifier connected for unity gain non-inverting Typicals specified at VCC e 50V VBB e
b
50V TA e 25 C (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NOISE
NEC
Encode Noise C Message
TP5510 (Note 1)
12
16
dBrnC0
Weighted
NDC
Decode Noise C Message
Digital Code is Alternating Positive
Weighted
and Negative Zero
TP5510
8
11
dBrnC0
NDS
Noise Single Frequency
fe0 kHz to 100 kHz Loop Around
b
53
dBm0
Measurement VFEIa e0 Vrms
PPSRE
Positive Power Supply Rejection
VFEIa eb50 dBm0
Encode
VCCe50 VDCa100 mVrms
fe0 kHz – 50 kHz (Note 2)
b
30
dBC
NPSRE
Negative Power Supply Rejection
VFEIa eb50 dBm0
Encode
VBBeb50 VDCa100 mVrms
fe0 kHz – 50 kHz (Note 2)
b
30
dBC
PPSRD
Positive Power Supply Rejection
PCM Code Equals Positive Zero
Decode
VCCe50 VDCa100 mVrms
Measure VFD0
fe0 Hz – 4000 Hz
30
dBC
fe4 kHz – 50 kHz
30
dB
NPSRD
Negative Power Supply Rejection
PCM Code Equals Positive Zero
Decode
VBBeb50 VDCa100 mVrms
Measure VFD0
fe0 Hz – 4000 Hz
30
dBC
fe4 kHz – 50 kHz
30
dB
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com