Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5510WM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510WM
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510WM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button TP5510WM Datasheet HTML 4Page - National Semiconductor (TI) TP5510WM Datasheet HTML 5Page - National Semiconductor (TI) TP5510WM Datasheet HTML 6Page - National Semiconductor (TI) TP5510WM Datasheet HTML 7Page - National Semiconductor (TI) TP5510WM Datasheet HTML 8Page - National Semiconductor (TI) TP5510WM Datasheet HTML 9Page - National Semiconductor (TI) TP5510WM Datasheet HTML 10Page - National Semiconductor (TI) TP5510WM Datasheet HTML 11Page - National Semiconductor (TI) TP5510WM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Transmission Characteristics Unless otherwise noted limits printed in BOLD characters are guaranteed for
VCC e 50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other
limits are assured by correlation with other production tests andor product design and characterization GNDA e 0V f e
102 kHz VIN e 0 dBm0 encode input amplifier connected for unity gain non-inverting Typicals specified at VCC e 50V VBB
eb
50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
Absolute Levels
Nominal 0 dBm0 Level is 4 dBm
(Definition of Nominal Gain)
(600X)
0 dBm0
12276
Vrms
tMAX
Max Overload Level
TP5510 (317 dBm0)
2501
VPK
GEA
Encode Gain Absolute
TAe25 C VCCe5V VBBeb5V
Input at GSEe0 dBm0 at 1020 Hz
b
05
05
dB
GER
Encode Gain Relative to GEA
fe16 Hz
b
35
dB
fe50 Hz
b
25
dB
fe60 Hz
b
21
dB
fe200 Hz
b
20
b
01
dB
fe300 Hzb3000 Hz
b
05
015
dB
fe3400 Hz
b
15
05
dB
fe4000 Hz
b
10
dB
fe4600 Hz and Up Measure
b
25
dB
Response from 0 Hz to 4000 Hz
GEAT
Absolute Encode Gain Variation
Relative to GEA
b
03
03
dB
with Temperature
GERL
Encode Gain Variations with
Sinusoidal Test Method
Level
Reference Leveleb10 dBm0
VFEIa eb40 dBm0 to a3 dBm0
b
04
04
dB
VFEIa eb50 dBm0 to b40 dBm0
b
08
08
dB
GDA
Decode Gain Absolute
TAe25 C VCCe5V VBBeb5V
InputeDigital Code Sequence for
0 dBm0 Signal at 1020 Hz
b
05
05
dB
GDR
Decode Gain Relative to GDA
fe0 Hz to 3000 Hz
b
05
05
dB
fe3400 Hz
b
15
05
dB
fe4000 Hz
b
14
dB
GDAT
Absolute Decode Gain Variation
Relative to GDA
b
03
03
dB
with Temperature
GDAV
Absolute Decode Gain Variation
Relative to GDA
b
005
005
dB
with Supply Voltage
GDRL
Decode Gain Variations with
Sinusoidal Test Method Reference
Level
Input PCM Code Corresponds to an
Ideally Encoded PCM Level
eb
40 dBm0 to a3 dBm0
b
04
04
dB
eb
50 dBm0 to b40 dBm0
b
08
08
dB
eb
55 dBm0 to b50 dBm0
b
25
25
dB
VDO
Decode Output Drive Level
RLe600X
b
25
25
V
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com