Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC79110
Simple 1.2A Linear Li-ion Battery Charger
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 24, 2013
Revision 2.1
General Description
The Micrel MIC79110 is a simple and accurate lithium-ion
battery charger. The part features a built-in pass transistor,
precision programmable current limiting (±5%), and
precision voltage termination (±0.75% over temperature).
The MIC79110 packs full functionality into a small space.
Other features of the MIC79110 include two independent
indicators: a digital end-of-charge signal that is
programmable with a resistor-to-ground and an analog
current output that is proportional to the output current,
allowing for monitoring of the actual charging current.
Additional features include very low dropout (550mV over
the temperature range), thermal shutdown, and reverse
polarity protection. In the event the input voltage to the
charger is disconnected, the MIC79110 also provides
minimal reverse-current and reversed-battery protection.
Available in both fixed 4.2V and adjustable outputs, the
MIC79110 is offered in the leadless 10-pin 3mm × 3mm
DFN with an operating junction temperature range of
–40˚C to +125˚C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
•
Input voltage range: 2.5V to 16V
•
High output voltage accuracy of ±0.75% over –5°C to
+60˚C
•
Current limit ±5% accurate from –5°C ≤ TJ ≤ + 125°C
•
Programmable end-of-charge flag
•
Analog output proportional to output current
•
Adjustable and fixed 4.2V output
•
Low dropout voltage of 550mV at 700mA load, over
temperature
•
1.2A maximum charge current
•
Excellent line and load regulation specifications
•
Reverse-current protection
•
Thermal-shutdown and current-limit protection
•
Tiny 10-pin 3mm × 3mm DFN package
•
Junction temperature range: –40°C to +125°C
Applications
•
Cellular phones and PDAs
•
Digital cameras and camcorders
•
MP3 players
•
Notebook PCs
•
Portable Meters
•
Cradle/car chargers, and battery packs
Typical Application


Similar Part No. - MIC79110

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC79110 MICREL-MIC79110 Datasheet
156Kb / 10P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110 MICREL-MIC79110 Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110-4.2BML MICREL-MIC79110-4.2BML Datasheet
156Kb / 10P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110-4.2BML MICREL-MIC79110-4.2BML Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110BML MICREL-MIC79110BML Datasheet
156Kb / 10P
Simple 1.2A Linear Li-Ion Battery Charger
More results

Similar Description - MIC79110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
Micrel Semiconductor
MIC79110 MICREL-MIC79110 Datasheet
156Kb / 10P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110 MICREL-MIC79110_07 Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com