Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor MIC79110 Datasheet HTML 10Page - Micrel Semiconductor MIC79110 Datasheet HTML 11Page - Micrel Semiconductor MIC79110 Datasheet HTML 12Page - Micrel Semiconductor MIC79110 Datasheet HTML 13Page - Micrel Semiconductor MIC79110 Datasheet HTML 14Page - Micrel Semiconductor MIC79110 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC79110
September 23, 2013
11
Revision 2.1
Application Information
Detailed Description
The MIC79110 forms a complete charger for 1-cell
lithium-ion batteries. It includes precision voltage control
(0.75% over temperature) to optimize both cell
performance and cycle life. All are compatible with
common 4.2V lithium-ion chemistries. Voltages other
than 4.2V can be obtained with the adjustable version.
Other features include current limit, end-of-charge flag,
and end-of-charge current limit using an external resistor.
The shutdown pin enables low quiescent current when
not charging.
Current-Limit Mode
MIC79110 features an internal current limit that is set by
the RSET pin with a resistor-to-ground. The maximum
current is calculated by Equation 1:
IRSET = (0.2/RSET) × 1000
Eq. 1
Using a 167Ω RSET resistor will achieve the maximum
current limit for the MIC79110 at 1.2 amperes.
End-of-Charge
REOC pin is connected to a resistor-to-ground. This
resistor is used to set the end of charge current for the
lithium-ion battery as in Equation 2:
IEOC = (0.2/REOC) × 1000
Eq. 2
Using a 4kΩ REOC resistor will set the end-of-charge
current at 50mA.
IEOC should be set at 10% of the battery’s rated current.
Digital End-of-Charge Output
This pin is the output of an open drain. When tied high to
the supply using a resistor, the output will toggle high or
low depending on the output current of IBAT.
•
Low state indicates that the IBAT current is higher than
the programmed current set by REOC.
•
High state indicates that the IBAT current is lower than
the programmed current set by REOC. The output goes
high impedance indicating end-of-charge.
Analog End-Of-Charge Output
The ACHG pin provides a small current that is
proportional to the charge current. The ratio is set at
1/1000th of the output current.
Shutdown
The SD pin serves as a logic input (active low) to enable
the charger.
Built-in hysteresis for the shutdown pin is 50mV over
temperature.
Reverse Polarity Protection
In the event that VBAT > VIN and the shutdown pin is active
low, there is reverse battery current protection built in.
The current is limited to less than 10µA over temperature.
Constant Output Voltage/Current Charging
The MIC79110 features constant voltage and constant
current output to correctly charge lithium-ion batteries.
The constant voltage is either 4.2V or adjustable. The
constant current is set by the RSET pin and is constant
down to around 300mV. Since RSET can be set below
500mA, the minimum output current is set at 500mA for
output voltages below 100mV. This minimum voltage
starts the charging process in lithium-ion batteries. If the
output current is too low, the battery will not begin
charge.
Figure 1. MIC79110 Constant Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com