Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC79110
September 23, 2013
2
Revision 2.1
Ordering Information
Part Number
Marking
Code(1)
Voltage
Junction Temperature Range
Package
MIC79110-4.2YML
L942
4.2V
–40° to +125°C
10-Pin 3mm × 3mm DFN
MIC79110YML
L9AA
Adjustable
–40° to +125°C
10-Pin 3mm × 3mm DFN
1. Pb-Free “Y” indicator is added to the device mark after logo.
Pin Configuration
Fixed Output
10-Pin 3mm × 3mm DFN (ML)
Adjustable Output
10-Pin 3mm × 3mm DFN (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
SD
Shutdown Input. Logic HIGH = Off; Logic LOW = On.
2
RSET
Current limit: Sets constant current limit via an external resistor to ground.
IRSET = (0.2V/RSET) × 1000.
3
SNS
(Fixed voltage only): Sense output, connect directly to battery.
3
ADJ
(Adjustable voltage only): Feedback input.
4
BAT
Battery Terminal. Connect to single-cell lithium-ion battery.
5, 6
VIN
Input supply pin.
7
ACHG
Analog Charge Indicator Output: Current source who’s output current is equal to 1/1000 of the
BAT pin current.
8
DEOC
Digital End-of-Charge Output: N-Channel open-drain output. LOW indicates charging, a current
that is higher than the programmed current set by REOC is charging the battery. When the current
drops to less than the current set by REOC, the output goes high impedance, indicating end-of-
charge.
9
REOC
End-of-Charge Set: Sets end-of-charge current threshold via an external resistor to ground.
IEOC = (0.2V/ REOC) × 1000.
10
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com