Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH3544F Datasheet(PDF) 4 Page - Rohm

Part # BH3544F
Description  Standard Headphone Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3544F Datasheet(HTML) 4 Page - Rohm

  BH3544F_12 Datasheet HTML 1Page - Rohm BH3544F_12 Datasheet HTML 2Page - Rohm BH3544F_12 Datasheet HTML 3Page - Rohm BH3544F_12 Datasheet HTML 4Page - Rohm BH3544F_12 Datasheet HTML 5Page - Rohm BH3544F_12 Datasheet HTML 6Page - Rohm BH3544F_12 Datasheet HTML 7Page - Rohm BH3544F_12 Datasheet HTML 8Page - Rohm BH3544F_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.rohm.com
2015.06 - Rev.D
© 2015 ROHM Co., Ltd. All rights reserved.
Technical Note
4/8
BH3544F,BH3547F,BH3548F
5
6
7
8
3
4
VCC
OUT2
BIAS
IN2
90k
90k
6dB
6dB
BIAS
MUTE
TSD
2
1
OUT1
MUTE
IN1
GND
Block diagram
Fig. 13
Measurement circuit
Fig. 14
8
7
6
5
1
2
3
4
BIAS
90k
90k
MUTE
TSD
6dB
6dB
R5
1
2
VIN2
SW5
47μ
IN2
BIAS
VCC
CVCC
10μ
V
330μ
V7AC
1
2
32
16
330μ
V
1
2
32
16
SW7
SW1
A IQ
SW8B
12
SWBA
VRR
VCC
V1AC
OUT1
MUTE
IN1
GND
1
2
VIN1
SW3
R3
OUT2
VTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com